Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA2675RGVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA2675RGVR Datasheet HTML 1Page - Texas Instruments OPA2675RGVR Datasheet HTML 2Page - Texas Instruments OPA2675RGVR Datasheet HTML 3Page - Texas Instruments OPA2675RGVR Datasheet HTML 4Page - Texas Instruments OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Family Comparison Table.................................. 3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................6
7.5 Electrical Characteristics: Full Bias and Offline
Mode VS = ±6 V.............................................................6
7.6 Electrical Characteristics: 75% Bias Mode VS =
±6 V............................................................................... 8
7.7 Electrical Characteristics: 50% Bias Mode VS =
±6 V............................................................................... 9
7.8 Electrical Characteristics: DIfferential Output VS
= 12 V............................................................................9
7.9 Electrical Characteristics: VS = 5 V.............................9
7.10 Typical Characteristics: VS = ±6 V, Full Bias........... 11
7.11 Typical Characteristics: VS = ±6 V Differential,
Full Bias.......................................................................15
7.12 Typical Characteristics: VS = ±6 V, 75% Bias......... 17
7.13 Typical Characteristics: VS = ±6 V, 50% Bias......... 18
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................19
8.4 Device Functional Modes..........................................25
9 Application and Implementation.................................. 26
9.1 Application Information............................................. 26
9.2 Typical Application.................................................... 26
10 Power Supply Recommendations..............................27
10.1 Thermal Analysis.................................................... 27
10.2 Input and ESD Protection....................................... 27
11 Layout........................................................................... 28
11.1 Layout Guidelines................................................... 28
11.2 Layout Example...................................................... 29
12 Device and Documentation Support..........................30
12.1 Receiving Notification of Documentation Updates..30
12.2 Support Resources................................................. 30
12.3 Trademarks.............................................................30
12.4 Electrostatic Discharge Caution..............................30
12.5 Glossary..................................................................30
13 Mechanical, Packaging, and Orderable
Information.................................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2022) to Revision B (September 2022)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com