Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM160228 Datasheet(PDF) 1 Page - Microchip Technology

Part # DM160228
Description  MPLAB® PICkit™ 4 In-Circuit Debugger/ProgrammerC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160228 Datasheet(HTML) 1 Page - Microchip Technology

  DM160228 Datasheet HTML 1Page - Microchip Technology DM160228 Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Summary
The MPLAB® PICkit™ 4 In-Circuit Debugger/Programmer allows fast and easy debugging and
programming of PIC® Flash Microcontrollers (MCUs) and dsPIC®, Digital Signal Controllers
(DSCs) using the powerful graphical user interface of MPLAB X Integrated Development Envi-
ronment (IDE). The MPLAB PICkit 4 connects to your PC using a hi-speed 2.0 USB interface
and can be connected to the target via the 8-pin single in-line header. The connector uses
two device I/O pins and the reset line to implement in-circuit debugging and In-Circuit Serial
Programming™ capability. An additional micro SD card slot and the ability to be self-powered
from the target means you can take your code with you and program on the go.
www.microchip.com/pickit4
Development Tools
MPLAB® PICkit™ 4
In-Circuit Debugger/Programmer
C: 10 M: 100 Y: 100 K: 20
PMS: 7621C
The MPLAB PICkit 4 programs faster than its predecessor and comes ready to support PIC and dsPIC devices. Along with a
wider target voltage, the MPLAB PICkit 4 supports advanced interfaces such as 4-wire JTAG and Serial Wire Debug with stream-
ing Data Gateway, while being backward compatible for demo boards, headers and target systems using 2-wire JTAG and ICSP.
The MPLAB PICkit 4 has the performance you need to program and debug today's devices, while adding new features that
provide flexibility for the future.
Advantages
• Matches silicon clocking speed
• Automatically programs as fast as the device will allow
• Target voltage of 1.20V to 5.5V
• Wide target voltage supports a variety of devices
• Can supply up to 50 mA to the target
• Option to be self-powered from the target (2.7V to 5.5V)
• Minimal current consumption at <100 µA from target
• Portable USB-powered
• Powered by a high-speed USB 2.0, no external power
required
• CE and RoHS-compliant
• 8-pin single in-line header
• Supports advanced interfaces such as 4-wire JTAG and
Serial Wire Debug with streaming Data Gateway
• Compatibility
• Backward compatible for demo boards, headers and
target systems using 2-wire JTAG and ICSP
• Programmer-to-Go (PTG) support*
• SD card slot to hold program data
• Program the target by pressing on the logo
• Cost effective
• Features and performance at a fraction of the cost of
comparable debugger/programmers
• Ease of maintenance and feature upgrade
• Add new device support and features by installing the
latest version of MPLAB X IDE, which is available as a
free download at www.microchip.com/MPLABX
*Feature will be added with a firmware upgrade


Similar Part No. - DM160228

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM160220 MICROCHIP-DM160220 Datasheet
511Kb / 20P
Single-Channel Proximity Detector
11/29/12
More results

Similar Description - DM160228

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX-RLINK STMICROELECTRONICS-STX-RLINK Datasheet
69Kb / 4P
Raisonance?셲 in-circuit debugger/programmer for ST7, uPSD, STR7 and STR9
20-Jun-2006
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
In-circuit debugger/programmer for STM8 and STM32
06-Jan-2012
logo
Microchip Technology
DS51795A MICROCHIP-DS51795A Datasheet
1Mb / 98P
PICkit??3 Programmer/Debugger
2009
51795B MICROCHIP-51795B Datasheet
1Mb / 100P
PICkit??3 Programmer/Debugger
01/05/10
AC162049 MICROCHIP-AC162049 Datasheet
4Mb / 2P
MPLAB ICD 2 In-Circuit Debugger/Programmer
9/1/03
PG164120 MICROCHIP-PG164120 Datasheet
2Mb / 86P
PICkit. 2 Programmer/Debugger User혪s Guide
01/02/08
logo
List of Unclassifed Man...
ICD-U64 ETC1-ICD-U64 Datasheet
297Kb / 2P
In-Circuit Programmer/Debugger
logo
STMicroelectronics
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
18-Oct-2018
logo
Microchip Technology
PG164140 MICROCHIP-PG164140_V01 Datasheet
711Kb / 2P
MPLAB® PICkitTM 4 In-Circuit Debugger
2018
PG164100 MICROCHIP-PG164100 Datasheet
1Mb / 12P
MPLAB® SNAP IN-CIRCUIT DEBUGGER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com