Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2500BEVT Datasheet(PDF) 3 Page - Western Digital Corporation or its affiliates.

Part # WD2500BEVT
Description  WD Scorpio® Blue™ Mobile Hard Drives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD2500BEVT Datasheet(HTML) 3 Page - Western Digital Corporation or its affiliates.

  WD2500BEVT Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD2500BEVT Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD2500BEVT Datasheet HTML 3Page - Western Digital Corporation or its affiliates. WD2500BEVT Datasheet HTML 4Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WD Scorpio Blue
-3-
Specifications
250 GB
250 GB
160 GB
160 GB
120 GB
80 GB
Model number
WD2500BPVT
WD2500BEVT
WD2500BEVE
WD1600BPVT
WD1600BEVT
WD1600BEVE
WD1200BEVE
WD800BEVE
Interface
SATA 3 Gb/s
PATA 100 MB/s
SATA 3 Gb/s
PATA 100 MB/s
PATA 100 MB/s
PATA 100 MB/s
Formatted capacity1
250,059 MB
250,059 MB
160,041 MB
160,041 MB
120,034 MB
80,026 MB
User sectors per drive
488,397,168
488,397,168
312,581,808
312,581,808
234,441,648
156,301,488
Master/slave support
Yes
Yes
Yes
Yes
Yes
Yes
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
RoHS compliant2
Yes
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rate (max)
Buffer to host
Host to/from drive (sustained)
3 Gb/s
116 MB/s
100 MB/s
3
99 MB/s
3 Gb/s
116 MB/s
100 MB/s
3
99 MB/s
100 MB/s
3
97 MB/s
100 MB/s
3
99 MB/s
Cache (MB)
8
8
8
8
8
8
Average latency (ms)
5.5
5.5
5.5
5.5
5.5
5.5
Rotational speed (RPM)
5400
5400
5400
5400
5400
5400
Average drive ready time (sec)
4
4
4
4
4
4
Reliability/Data Integrity
Load/unload cycles
4
600,000
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors per bits read <1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
Limited warranty (years)
5
222
2
2
2
Power Management
5VDC ±10% (A, peak)
1.00
1.00
1.00
1.00
1.00
1.00
Average power requirements (W)
Read/Write
Idle
Standby/Sleep
2.5
0.85
0.20
2.5
0.85
0.20
1.6
0.85
0.20
2.5
0.85
0.20
2.5
0.85
0.20
2.5
0.85
0.20
Environmental Specifications6
Temperature (°C)
Operating
Non-operating
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Shock (Gs)
Operating (2 ms, read)
Non-operating
350
1000 (2 ms)
350
900 (1 ms)
350
1000 (2 ms)
350
900 (1 ms)
350
900 (1 ms)
350
900 (1 ms)
Acoustics (dBA) 7
Idle
Seek (average)
22
25
24
25
24
25
24
25
24
25
24
25
Physical Dimensions
Height (in./mm, max)
0.374/9.50
0.374/9.50
0.374/9.50
0.374/9.50
0.374/9.50
0.374/9.50
Length (in./mm, max)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm, ± .01 in.)
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
Weight (lb./kg, ± 10%)
0.22/0.10
0.22/0.10
0.22/0.10
0.22/0.10
0.22/0.10
0.22/0.10
1
As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used for buffer or cache, one megabyte (MB) = 1,048,576
bytes. As used for transfer rate or interface, megabyte per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 3 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-
IO organization as of the date of this specification sheet. Visit www.sata-io.org for details.
2
WD hard drive products manufactured and sold worldwide after June 1, 2006, meet or exceed Restriction of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
3
Maximum burst rate running the Mode 5 Ultra ATA transfer mode.
4
Controlled unload at ambient condition.
5
The term of the limited warranty may vary by region. Visit support.wdc.com/warranty for details.
6
No non-recoverable errors during operating tests or after non-operating tests.
7
Sound power level.
Western Digital, WD, the WD logo, and WD Scorpio are registered trademarks in the U.S. and other countries; and WD Scorpio Blue, WD Scorpio Black, FIT Lab, SecurePark, Data Lifeguard,
WhisperDrive, and ShockGuard are trademarks of Western Digital Technologies, Inc. Other marks may be mentioned herein that belong to other companies. Product specifications subject to
change without notice.
© 2011 Western Digital Technologies, Inc. All rights reserved.
2879-701278-A12 Dec 2011
Western Digital
3355 Michelson Drive, Suite 100
Irvine, California 92612
U.S.A.
For service and literature:
http://support.wdc.com
www.westerndigital.com
800.ASK.4WDC
(800.275.4932)
North America
800.832.4778
Spanish
+800.6008.6008
Asia Pacific
00800.27549338
Europe
(toll free where available)
+31.880062100
Europe/Middle East/Africa
Canada ICES-003 Class B / NMB-003 Classe B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com