Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD2005FBYZ Datasheet(PDF) 1 Page - Western Digital Corporation or its affiliates.

Part # WD2005FBYZ
Description  WD Gold™ Enterprise-class Hard Drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD2005FBYZ Datasheet(HTML) 1 Page - Western Digital Corporation or its affiliates.

  WD2005FBYZ Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD2005FBYZ Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WD Gold™
Enterprise-class Hard Drives
Drive to endure.
WD Gold hard drives feature up to ten times the workload rating¹ of
desktop drives and employ advanced technologies for enterprise-
class reliability, power efficiency and performance. Designed from
the ground up to be an ultra-robust storage device, WD Gold drives
are the perfect solution for your business.
INTERFACE
SATA 6 Gb/s
WIDTH/HEIGHT
3.5-inch/1-inch
PERFORMANCE CLASS
7200 RPM Class
CAPACITIES
1TB to 12TB
MODEL NUMBERS
WD121KRYZ
WD2005FBYZ
WD101KRYZ
WD1005FBYZ
WD8003FRYZ
WD6002FRYZ
WD4002FYYZ
Product Benefits
High workload rating
Delivering dependable
performance to any storage
environment, WD Gold™ hard
drives are designed with a
workload rating up to 550TB per
year1, among the highest of any
3.5-inch hard drive.
Enterprise-class storage to rely on
With up to 2.5 million hours MTBF,
WD Gold hard drives deliver
reliability and durability, are built
for yearly operation (24x7x365)
within the most demanding storage
environments, and are backed with
a 5 year limited warranty.
HelioSeal™ Technology
Featured in over 15 million Western
Digital hard drives shipped2,
HelioSeal™ technology allows
for higher capacities and less
turbulence on large storage arrays.
And now on its 4th generation
design, HelioSeal™ technology is
field-tested and proven to deliver
high capacity, reliability, and power
efficiency you can trust.
Vibration protection
Enhanced RAFF™ technology
uses sophisticated electronics to
monitor the drive and correct linear
and rotational vibrations in real
time for improved performance
versus WD’s desktop drives in high-
vibration environments.
RAID-specific, time-limited error
recovery (TLER)
Reduces drive fallout caused by the
extended hard drive error-recovery
processes common to desktop
drives.
Dynamic fly height technology
Each read-write head’s fly height
is adjusted in real time to ensure
consistent performance for
reduced errors and optimized
reliability.
Dual-stage actuator technology
WD Gold drives feature a dual-
stage actuator head positioning
system for a high degree of
accuracy. The primary stage
provides course displacement
while the secondary stage uses
piezoelectric motion to fine tune
the head positioning to a higher
degree of precision.
Compatibility testing
All WD Gold hard drives are
extensively tested across a
variety of popular OEM storage
systems, SATA controllers, and
host bus adapters to ensure ease
of integration for a plug and play
solution.
7200RPM-Class
This 7200RPM-class hard drive
delivers the fastest performance
with the highest workload rating of
any HDD in WD’s lineup. Ensure you
have the most capable hard drive
regardless of the application with
WD Gold.
Applications
Enterprise servers and storage systems; mission-critical applications needing reliable, robust high capacity storage; high-end surveillance and industrial
applications; long product life cycle and managed PCN.
The WD Advantage
WD puts products through extensive Functional Integrity Testing (F.I.T.) prior to any product launch. This testing ensures our products consistently
meet the high quality and reliability standards of the WD brand. Following a FIT test the Enterprise System Group (ESG) testing validates
interoperability with HBAs, operating systems, and drivers, to ensure an even greater level of quality, reliability, and peace of mind.
WD also has a detailed Knowledge Base with helpful articles and software utilities.


Similar Part No. - WD2005FBYZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD200 ETC1-WD200 Datasheet
45Kb / 2P
DC/DC Converters
logo
XP Power Limited
WD200 XPPOWER-WD200 Datasheet
62Kb / 2P
DC-DC Converters
logo
Western Digital Corpora...
WD2000FYYZ WESTERN-WD2000FYYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
logo
List of Unclassifed Man...
WD2000M ETC1-WD2000M Datasheet
1Mb / 11P
Big-screen simplicity
logo
Western Digital Corpora...
WD2004FBYZ WESTERN-WD2004FBYZ Datasheet
696Kb / 2P
WD Re™ Datacenter Capacity HDD
May 2016
More results

Similar Description - WD2005FBYZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
3.5-Inch Enterprise 7200 RPM Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
2.5-Inch SFF Enterprise Hard Disk Drives
HE10 ETC2-HE10 Datasheet
303Kb / 2P
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
SSD400S.B ETC2-SSD400S.B Datasheet
294Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
SSD1600MR ETC2-SSD1600MR Datasheet
316Kb / 2P
ENTERPRISE SOLID-STATE DRIVES
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
logo
Western Digital Corpora...
WD60PURX WESTERN-WD60PURX Datasheet
576Kb / 2P
WD Purple??Surveillance Hard Drives
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD10JPVX WESTERN-WD10JPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com