Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD10JPVT Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD10JPVT
Description  WD Scorpio® Blue™ Mobile Hard Drives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD10JPVT Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD10JPVT Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD10JPVT Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD10JPVT Datasheet HTML 3Page - Western Digital Corporation or its affiliates. WD10JPVT Datasheet HTML 4Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WD Scorpio Blue
-2-
Specifications
1 TB
1 TB
750 GB
640 GB
500 GB
320 GB
320 GB
Model number
WD10JPVT
WD10TPVT
WD7500BPVT
WD6400BPVT
WD5000BPVT
WD5000BEVT
WD3200BPVT
WD3200BEVT
WD3200BEVE
Interface
SATA 3 Gb/s
SATA 3 Gb/s
SATA 3 Gb/s
SATA 3 Gb/s
SATA 3 Gb/s
SATA 3 Gb/s
PATA 100 MB/s
Formatted capacity1
1,000,204 MB
1,000,204 MB
750,156 MB
640,135 MB
500,107 MB
320,072 MB
320,072 MB
User sectors per drive
1,953,525,168
1,953,525,168
1,465,149,168
1,250,263,728
976,773,168
625,142,448
625,142,448
Master/slave support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Form factor
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
2.5-inch
RoHS compliant2
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rate (max)
Buffer to host
Host to/from drive (sustained)
3 Gb/s
150 MB/s
3 Gb/s
124 MB/s
3 Gb/s
138 MB/s
3 Gb/s
151 MB/s
3 Gb/s
136 MB/s
3 Gb/s
116 MB/s
100 MB/s
3
99 MB/s
Cache (MB)
8
8
8
8
8
8
8
Average latency (ms)
5.5
5.7
5.5
5.5
5.5
5.5
5.5
Rotational speed (RPM)
5400
5200
5400
5400
5400
5400
5400
Average drive ready time (sec)
4
8
4
4
4
4
4
Reliability/Data Integrity
Load/unload cycles
4
600,000
600,000
600,000
600,000
600,000
600,000
600,000
Non-recoverable read errors
per bits read
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
<1 in 10
14
Limited warranty (years)
5
22
222
2
2
Power Management
5VDC ±10% (A, peak)
0.900
0.985
0.975
0.950
0.950
1.00
1.00
Average power requirements (W)
Read/Write
Idle
Standby/Sleep
1.4
0.59
0.18
1.7
0.75
0.20
1.6
0.65
0.20
1.6
0.65
0.20
1.6
0.65
0.20
2.5
0.85
0.20
2.5
0.85
0.20
Environmental Specifications6
Temperature (°C)
Operating
Non-operating
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
0 to 60
-40 to 65
Shock (Gs)
Operating (2 ms, read)
Non-operating
400
1000 (2 ms)
350
1000 (2 ms)
350
1000 (2 ms)
350
1000 (2 ms)
350
1000 (2 ms)
350
1000 (2 ms)
350
900 (1 ms)
Acoustics (dBA) 7
Idle
Seek (average)
22
25
24
25
22
25
22
25
22
25
22
25
24
25
Physical Dimensions
Height (in./mm, max)8
0.374/9.50
0.49/12.50
0.374/9.50
0.374/9.50
0.374/9.50
0.374/9.50
0.374/9.50
Length (in./mm, max)
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
3.94/100.20
Width (in./mm, ± .01 in.)
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
2.75/69.85
Weight (lb./kg, ± 10%)
0.27/0.11
0.34/0.15
0.34/0.15
0.22/0.10
0.22/0.10
0.22/0.10
0.22/0.10
1
As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used for buffer or cache, one megabyte (MB) = 1,048,576 bytes.
As used for transfer rate or interface, megabyte per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 3 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-IO
organization as of the date of this specification sheet. Visit www.sata-io.org for details.
2
WD hard drive products manufactured and sold worldwide after June 1, 2006, meet or exceed Restriction of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
3
Maximum burst rate running the Mode 5 Ultra ATA transfer mode.
4
Controlled unload at ambient condition.
5
The term of the limited warranty may vary by region. Visit support.wdc.com/warranty for details.
6
No non-recoverable errors during operating tests or after non-operating tests.
7
Sound power level.
8
The WD10TPVT model is 12.5 mm high and may not be compatible with all notebook systems. Consult system specifications for maximum allowable drive height before attempting to install.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com