Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD7500BPVT Datasheet(PDF) 1 Page - Western Digital Corporation or its affiliates.

Part # WD7500BPVT
Description  WD Scorpio® Blue™ Mobile Hard Drives
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD7500BPVT Datasheet(HTML) 1 Page - Western Digital Corporation or its affiliates.

  WD7500BPVT Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD7500BPVT Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD7500BPVT Datasheet HTML 3Page - Western Digital Corporation or its affiliates. WD7500BPVT Datasheet HTML 4Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL NUMBERS
SATA w/ Advanced Format Technology
SATA
PATA
WD10JPVT
WD3200BPVT
WD5000BEVT
WD3200BEVE
WD10TPVT
WD2500BPVT
WD3200BEVT
WD2500BEVE
WD7500BPVT
WD1600BPVT
WD2500BEVT
WD1600BEVE
WD6400BPVT
WD1600BEVT
WD1200BEVE
WD5000BPVT
WD800BEVE
Note: Not all products may
be available in all regions of
the world.
WD Scorpio® Blue™
Mobile Hard Drives
WD Scorpio Blue 2.5-inch SATA and PATA hard drives offer
solid-performance, ultra-quiet operation and low-power use
for portable digital devices of all kinds. Pick the drive that
suits your needs with the confidence in knowing that all WD
Scorpio Blue drives are built to the highest standards of
quality and reliability.
INTERFACE
SATA and PATA
WIDTH/HEIGHT
2.75 in./0.37 in. to 0.49 in.
69.85 mm/9.5 mm to 12.5 mm
ROTATIONAL SPEED
5200 RPM to 5400 RPM
CAPACITIES
80 GB to 1 TB
Massive capacity
Storage capacity for 2.5-inch form
factor drives with standard 9.5 mm
height has arrived at a realm once
thought to be impossible - up to
1 TB* - giving you all the capacity
you need to keep your photos,
music and files right there on your
notebook.
* The WD10TPVT model is 12.5 mm high and may not be
compatible with all notebook systems. Consult system
specifications for maximum allowable drive height before
attempting to install.
Quiet
In a notebook drive, silence is
golden. WD’s exclusive
WhisperDrive™ combines state-of-
the-art seeking algorithms to yield
one of the quietest 2.5-inch hard
drives on the market. These
algorithms also optimize the way a
drive seeks for data, which
significantly improves power
consumption. So now silence (and
longer battery life) is golden.
Reliable
WD's SecurePark™ parks the
recording heads off the disk surface
during spin up, spin down, and
when the drive is off. This ensures
the recording head never touches
the disk surface resulting in
improved long term reliability due to
less head wear, and improved non-
operational shock tolerance.
Rugged
WD's ShockGuard™ technology
protects the drive mechanics and
platter surfaces from shocks.
Tested for compatibility
We perform tests on hundreds of
systems and a multitude of
platforms in our FIT Lab™ and
Mobile Compatibility Lab to give our
customers confidence that our
drives will work in their systems.
Advanced Format (AF)
Technology being adopted by WD
and other drive manufacturers to
increase media format efficiencies,
thus enabling larger drive
capacities. (PVT models only)
Product Features


Similar Part No. - WD7500BPVT

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD7500BPVX WESTERN-WD7500BPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
More results

Similar Description - WD7500BPVT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-56 ICST-ICS9120-56 Datasheet
79Kb / 5P
Frequency Timing Generator for EtherNet & Hard Drives
Rev A 040697
logo
Transcend Information. ...
TS0GSJ35U TRANSCEND-TS0GSJ35U Datasheet
121Kb / 3P
Works with all 3.5??SATA hard drives
logo
List of Unclassifed Man...
5K1000 ETC2-5K1000 Datasheet
676Kb / 2P
2.5-Inch Mobile 5400 RPM 9.5mm Hard Disk Drives
C7K1000 ETC2-C7K1000 Datasheet
513Kb / 2P
2.5-Inch SFF Enterprise Hard Disk Drives
Z7K500 ETC2-Z7K500 Datasheet
514Kb / 2P
2.5-INCH MOBILE 7200 RPM 7MM HARD DISK DRIVES
logo
Western Digital Corpora...
WD10SPSX WESTERN-WD10SPSX Datasheet
510Kb / 2P
WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
WD60PURX WESTERN-WD60PURX Datasheet
576Kb / 2P
WD Purple??Surveillance Hard Drives
WD4002FYYZ WESTERN-WD4002FYYZ Datasheet
382Kb / 2P
WD Gold™ Enterprise-class Hard Drives
August 2017
WD10PURX-64D85Y0 WESTERN-WD10PURX-64D85Y0 Datasheet
2Mb / 2P
WD Purple™ Surveillance Storage
Feb 2014
WD10JPVX WESTERN-WD10JPVX Datasheet
625Kb / 3P
WD Blue™ PC Hard Drives
May 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com