Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-40 Datasheet(PDF) 3 Page - 3M Electronics

Part # FC-40
Description  Fluorinert™ Liquids For Electronics Manufacturing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FC-40 Datasheet(HTML) 3 Page - 3M Electronics

  FC-40 Datasheet HTML 1Page - 3M Electronics FC-40 Datasheet HTML 2Page - 3M Electronics FC-40 Datasheet HTML 3Page - 3M Electronics FC-40 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Not for specification
purposes
All values
determined at 77°F
(25°C) unless
otherwise specified
3
Secondary Fluid 3M™ Performance Fluid PF-5058 Typical Physical Properties
Typical Applications
Boiling Point, °C
80-100°C
ASTM D1120
Density @ 25°C, gm/ml
1.75
ASTM D941
Appearance
Clear/colorless liquid
Visual
Properties
PF-5058
Test Number
Application
Recommended Products/BoilingPoints
MIL. STD. Tests:
Gross Leak
Detector Fluids (Bombing)
X
Bubble Tank or NID
X
Indicator Fluids (Bubble Tank)
X
X
Thermal Shock
Cold Side
X
Hot Side
X
X
Liquid Burn In & ESS
(Environmental Stress Screening):
XX
VPS Vapor Phase Soldering:
Primary
X
X
Secondary
X
Cooling/Thermal Management:
XX
X
X
High Voltage/Dielectric Testing:
All 3M™ Fluorinert™ Liquids have high dielectric strength
Constant Temperature
Match the boiling point and pour point
Baths/Calibration:
Fluorinert liquids are nonflammable, and are highly resistant to thermal breakdown
and hydrolysis in storage and during use. Recommended handling procedures are
provided in the Material Safety Data Sheets, which are available upon request.
Safety and Handling
3M
™ Fluorinert™ Liquids are compatible with most metals, plastics and elastomers.
Materials Compatibility
In general, Fluorinert liquids are non-irritating to the eyes and skin. They also
demonstrate very low acute and sub-chronic toxicity through normal routes of
industrial exposure.
Toxicity Profile



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com