Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-B2C Datasheet(PDF) 33 Page - Numonyx B.V

Part # NAND01G-B2C
Description  1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND01G-B2C Datasheet(HTML) 33 Page - Numonyx B.V

Back Button NAND01G-B2C Datasheet HTML 29Page - Numonyx B.V NAND01G-B2C Datasheet HTML 30Page - Numonyx B.V NAND01G-B2C Datasheet HTML 31Page - Numonyx B.V NAND01G-B2C Datasheet HTML 32Page - Numonyx B.V NAND01G-B2C Datasheet HTML 33Page - Numonyx B.V NAND01G-B2C Datasheet HTML 34Page - Numonyx B.V NAND01G-B2C Datasheet HTML 35Page - Numonyx B.V NAND01G-B2C Datasheet HTML 36Page - Numonyx B.V NAND01G-B2C Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
NAND01G-B2C
Device operations
33/67
6.8
Read electronic signature
The device contains a manufacturer code and device code. To read these codes three steps
are required:
1.
One bus write cycle to issue the Read Electronic Signature command (90h)
2.
One bus write cycle to input the address (00h)
3.
Four bus read cycles to sequentially output the data (as shown in Table 12: Electronic
signature).
Table 12.
Electronic signature
Part number
byte/word 1
byte/word 2
byte/word 3
(see Table 13)
byte/word 4
(see Table 14)
Manufacturer
code
Device code
NAND01GR3B2C
20h
A1h
00h
15h
NAND01GW3B2C
F1h
1Dh
NAND01GR4B2C
B1h
55h
NAND01GW4B2C
C1h
5Dh
Table 13.
Electronic signature byte 3
I/O
Definition
Value
Description
I/O1-I/O0
Internal chip number
0 0
0 1
1 0
1 1
1
2
4
Reserved
I/O3-I/O2
Cell type
0 0
0 1
1 0
1 1
Single level cell
2x multilevel cell
Reserved
Reserved
I/O5-I/O4
Number of simultaneously
programmed pages
0 0
0 1
1 0
1 1
1
2
3
4
I/O6
Interleaved programming
between multiple devices
0
1
Not supported
Supported
I/O7
Cache program
0
1
Not supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com