Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX80 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX80
Description  ENCLOSURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX80 Datasheet(HTML) 1 Page - Astec America, Inc

  LPX80 Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
rev 8.25.04
LPX80
ENCLOSURE
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384)842-211
Facsimile: 44 (1384) 843-355
Installation Notes
LPX80 • Cover Enclosure Kit
LPX80 will fit all the LPX8X power supplies
MATERIALS
1 Base
1 Cover
4 M3 x 6mm pan head screws with spring washer
4 M3 x 6mm countersunk sdrews
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
NOTES
1. All dimensions are in inches (mm)
2. Overall dimensions:
5.9 (150) x 3.9 (98.0) x 1.75 (44.4)
3. Base plate has three sets of customer mountings:
a. Bottom mounting (4x) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Bottom mounting (2x) 4mm clear holes plus 2 keyways (see keyway detail)
c. Side mountings (4x) M3 inserts. Max. screw penetration 0.236 (6mm)
4. Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearances.
5. Ensure base is firmly connected to supply earth via the earth stud marked
.
6. When using this enclosure, ensure that relevant safety standards (e.g., EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: +44(0)1384-842211
Facsimile: +44(0)1384-843355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
Ø0.35 [Ø8.8]
Ø0.14 [Ø3.6]
0.25 [6.4]
GROUND STUD
INPUT TERMINALS
OUTPUT TERMINALS
INSULATOR
(4X) STANDOFF
A
A
A
A
INPUT
WIRING
ACCESS
OUTPUT
WIRING ACCESS
(2X) M3 INSERTS
M3 INSERTS
(4X) MARKED "A"
(2X) Ø4mm MTG HOLES
SEE KEYWAY DETAILS
(4X) M3 STANDOFF
FOR MTG POWER SUPPLY
(2X) M3 INSERTS
1.181 30.0
[
]
1.134 28.8
[
]
0.984 25.0
[
]
2.236 56.8
[
]
3.858 98.0
[
]
5.906 150.0
[
]
(2X) 4.331 110.0
[
]
(2X) 0.364 9.3
[
]
(2X) 0.787 20.0
[
]
(2X) 3.543 90.0
[
]
(2X) 4.803 122.0
[
]
(2X) 0.787 20.0
[
]
(2X) 0.591 15.0
[
]
1.748 44.4
[
]
(2X) 0.738 18.8
[
]
(2X) 2.756 70.0
[
]
(2X) 2.55 65
[ ]
(2X) 0.551 14.0
[
]
(2X) 0.657 16.7
[
]
(2X) 0.354
9.0
[
]
(2X) 3.150 80.0
[
]


Similar Part No. - LPX80

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPX80 EMERSON-NETWORKPOWER-LPX80 Datasheet
742Kb / 1P
LPX80 Cover Enclosure Kit
More results

Similar Description - LPX80

ManufacturerPart #DatasheetDescription
logo
Altech corporation
K70 ALTECH-K70 Datasheet
4Mb / 68P
Enclosure
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
Enclosure
logo
Weidmuller
0573300000 WEIDMULLER-0573300000 Datasheet
430Kb / 8P
Klippon K (aluminium empty enclosure) Empty enclosure Aluminium enclosure
September 13, 2021
logo
FIBOX Enclosing innovat...
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
Enclosure. PC
08.08.2022
8724003 FIBOX-8724003 Datasheet
66Kb / 2P
Enclosure, PC
13.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com