Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX110 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX110
Description  LPX110 COVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX110 Datasheet(HTML) 1 Page - Astec America, Inc

  LPX110 Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
131
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
4.53"
(115)
2.44"
(62)
7.64"
(194)
2.34"
(59.5)
.90"
(23)
.79"
(20)
.67"
(17)
MATERIALS
1Cover
4
M3 x 6mm countersunk cover screws
NOTES
1.
All dimensions in inches (mm).
2.
Overall dimensions:
LPX 110-C:
7.64 (194) x 4.53 (115) x 2.44 (62)
3.
For use with the -B versions of LP110 only.
4.
When using this cover ensure that the relevant safety standards,
e.g. EN60950, are complied with, in respect to creepage and
clearance distances, and distances through insulation.
Installation Notes
LPX 110-C • Cover Enclosure Kit
LPX110
COVER
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384)842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
W9959_04_LP_099-133_35
2/8/02
4:17 PM
Page 131


Similar Part No. - LPX110

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX110-C ASTEC-LPX110-C Datasheet
223Kb / 1P
All dimensions in inches
More results

Similar Description - LPX110

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437645-1 MACOM-2-1437645-1 Datasheet
33Kb / 1P
TERMINAL COVER W/COVER MOUNTS
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Schurter Inc.
ASSORTEDCOVERS SCHURTER-ASSORTEDCOVERS Datasheet
231Kb / 2P
Rear Cover
logo
HARTING Technology Grou...
09-20-003-5407 HARTING-09-20-003-5407 Datasheet
450Kb / 2P
Cover grey / No rivet Protection cover
09-30-010-5425 HARTING-09-30-010-5425 Datasheet
463Kb / 2P
Han 10B-Protection Cover Protection cover
logo
Pepperl+Fuchs Inc.
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
logo
Festo Corporation.
549048 FESTO-549048 Datasheet
75Kb / 1P
Cover
8/10/22
549049 FESTO-549049 Datasheet
84Kb / 1P
Cover
8/10/22
logo
TRACO Electronic AG
TXH120-COV TRACOPOWER-TXH120-COV Datasheet
789Kb / 1P
Cover
Rev. November 30, 2022
TXH240-COV TRACOPOWER-TXH240-COV Datasheet
999Kb / 1P
Cover
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com