Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX150-C Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX150-C
Description  Cover Enclosure Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX150-C Datasheet(HTML) 1 Page - Astec America, Inc

  LPX150-C Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
132
MATERIALS
1Cover
4
M3 x 6mm countersunk cover screws
NOTES
1.
All dimensions in inches (mm).
2.
Overall dimensions:
LPX 150-C:
4.25 (180) x 8.5 (216)
3.
When using this cover ensure that the relevant safety standards,
e.g. EN60950, are complied with, in respect to creepage and
clearance distances, and distances through insulation.
Installation Notes
LPX 150-C • Cover Enclosure Kit
LPX150-C
COVER
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: +44(0)1384-842211
Facsimile: +44(0)1384-843355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
W9959_04_LP_099-133_35
2/8/02
4:17 PM
Page 132


Similar Part No. - LPX150-C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX151M350A5P3 CDE-LPX151M350A5P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX151M350A5P3 CDE-LPX151M350A5P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX151M350A5P3 CDE-LPX151M350A5P3 Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX151M350C3P3 CDE-LPX151M350C3P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX151M350C3P3 CDE-LPX151M350C3P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX150-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX-40 ASTEC-LPX-40 Datasheet
148Kb / 1P
Cover Enclosure Kit
logo
Emerson Network Power
LPX80 EMERSON-NETWORKPOWER-LPX80 Datasheet
742Kb / 1P
LPX80 Cover Enclosure Kit
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
Protective Cover Assembly Kit
logo
Bud Industries, Inc.
BG-32618 BUD-BG-32618 Datasheet
171Kb / 2P
Board-Ganizer Enclosure Kit
logo
Tripp Lite. All Rights ...
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
Installation Notes LPX100 ??Cover Enclosure Kit
logo
CUI INC
VSUU-TCK CUI-VSUU-TCK Datasheet
678Kb / 1P
VSUU top cover kit
11/21/2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com