Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYGP321015-PASC2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # RYGP321015-PASC2
Description  Dual Wavelength SMD Type Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

RYGP321015-PASC2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  RYGP321015-PASC2 Datasheet HTML 1Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 2Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 3Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 4Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 5Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 6Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 7Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 8Page - CT Micro International Corporation RYGP321015-PASC2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Jan, 2021
RYGP321015-PASC2
Dual Wavelength SMD Type Emitter
Optical Characteristics (Yellow Green)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Iv
Luminous Intensity
IF=20mA
28.5
-
72
mcd
3
λP
Peak Wavelength
IF=20mA
-
574
-
nm
λD
Dominant Wavelength
IF=20mA
567.5
-
575.5
nm
4
θ1/2
Angle of Half Intensity
IF=20mA
-
65
-
deg
Electrical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF=20mA
1.7
-
2.4
V
IR
Reverse Current
VR=5V
-
-
1
µA
Notes:
1.
IFP Conditions--Pulse Width≦
100μs and Duty≦ 10%.
2.
Soldering time≦ 10 seconds.
3.
Bin Range of Luminous Intensity
Red
Bin Code
Min
Max
Unit
Condition
P
45
72
mcd
IF=20mA
Q
72
112
Yellow Green
Bin Code
Min
Max
Unit
Condition
AN1
28.5
36
mcd
IF=20mA
AN2
36
45
AP1
45
57
AP2
57
72
Tolerance of: Luminous Intensity
10%
4.
Bin Range of Dominant Wavelength
Yellow Green
Bin Code
Min
Max
Unit
Condition
AG15
567.5
569.5
nm
IF=20mA
AG16
569.5
571.5
AG17
571.5
573.5
AG18
573.5
575.5
Tolerance of Dominant Wavelength:
1nm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com