Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX-40 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX-40
Description  Cover Enclosure Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX-40 Datasheet(HTML) 1 Page - Astec America, Inc

  LPX-40 Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
130
NOTES
1.
All dimensions in inches (mm).
2.
Overall dimensions:
LPX 25/40:
5.9 (150) x 3.86 (98) x 1.5 (38)
LPX 60:
5.9 (150) x 3.86 (98) x 1.97 (50)
3.
Base plate has three sets of customer mountings:
a. Bottom mounting (4x) M3 inserts, max. screw penetration 3mm;
b. Bottom mounting (2x) 4mm clear holes plus 2 keyways (see keyway detail);
c. Side mountings (2x) M3 inserts, max. screw penetration 6mm.
4.
Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearance distances.
5.
Ensure base is firmly connected to supply earth via the earth stud marked
.
6.
When using this enclosure, ensure that relevant safety standards (e.g., EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
MATERIALS
1Base
1
Cover (top and sides perforated)
6
M3 x 6mm screws with captive lock washer
1
M4 nut
1
M4 star washer
For earth stud
1
M4 spring washer
1
Plastic insulator sheet
LPX40/60
ENCLOSURES
Installation Notes
LPX 40 and LPX 60 • Cover Enclosure Kit
LPX40 will fit both the LPX4X and LPX2X power supplies.
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384)842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
A
AS
SIIA
A
17th Floor, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong SAR
Telephone: 852-2176-3333
Facsimile: 852-2176-3888
W9959_04_LP_099-133_35
2/8/02
4:16 PM
Page 130


Similar Part No. - LPX-40

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LPX CDE-LPX Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
LPX CDE-LPX Datasheet
371Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
logo
Artesyn Technologies
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
Installation Notes LPX100 ??Cover Enclosure Kit
logo
Cornell Dubilier Electr...
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
158Kb / 3P
85 ?C Radial Snap-In Aluminum Electrolytic Capacitors High Voltage, High Value Radial Leaded Snap-In
LPX101M350A1P3 CDE-LPX101M350A1P3 Datasheet
242Kb / 4P
High Voltage, High Value Radial Leaded Snap-In
More results

Similar Description - LPX-40

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX150-C ASTEC-LPX150-C Datasheet
120Kb / 1P
Cover Enclosure Kit
logo
Emerson Network Power
LPX80 EMERSON-NETWORKPOWER-LPX80 Datasheet
742Kb / 1P
LPX80 Cover Enclosure Kit
logo
CONEC Elektronische Bau...
17-10021 CONEC-17-10021 Datasheet
484Kb / 1P
Receptacle & Cover Assembly Kit
17-101710 CONEC-17-101710 Datasheet
344Kb / 1P
Protective Cover Assembly Kit
logo
Bud Industries, Inc.
BG-32618 BUD-BG-32618 Datasheet
171Kb / 2P
Board-Ganizer Enclosure Kit
logo
Tripp Lite. All Rights ...
SRFILTER TRIPPLITE-SRFILTER Datasheet
478Kb / 2P
SmartRack Enclosure Filter Kit
SRSKIRT TRIPPLITE-SRSKIRT Datasheet
472Kb / 2P
SmartRack Enclosure Skirt Kit
logo
Artesyn Technologies
LPX200 ARTESYN-LPX200 Datasheet
1Mb / 2P
Installation Notes LPX200 ??Cover Enclosure Kit
LPX100 ARTESYN-LPX100 Datasheet
1Mb / 2P
Installation Notes LPX100 ??Cover Enclosure Kit
logo
CUI INC
VSUU-TCK CUI-VSUU-TCK Datasheet
678Kb / 1P
VSUU top cover kit
11/21/2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com