Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13801-RTA Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # MN13801-RTA
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13801-RTA Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button MN13801-RTA Datasheet HTML 4Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 5Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 6Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 7Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 8Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 9Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 10Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 11Page - Panasonic Semiconductor MN13801-RTA Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
MN1380 Series
Microcomputer Peripheral LSIs
Description for Measuring the Output Characteristics
Figure 2. Description chart of Measuring the Output Characteristics
Figure 3. Circuit for Measuring the Output Characteristics
VDD
1.6V
0V
6.0V
1.5V
1.0V
0V
6.0V
1.6V
1.5V
1.0V
0V
tOH
tOH
tOL
tOH
6.0V
CMOS output, N-channel
open drain output
MN1380/1381/1382
MN13801/13811/13821
MN13802/13812/13822
Inverted CMOS output
VDD
VOUT
MN1380 Series
100k
Ω
100pF
Switch: Connect when measuring
N-channel open drain output
(MN13801/MN13811/MN13821)
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com