| Electronic Components Datasheet Search |
|
D301 Datasheet(PDF) 239 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
D301 Datasheet(HTML) 239 Page - Microchip Technology |
|
239 / 416 page ![]() 2016-2018 Microchip Technology Inc. DS30010118D-page 239 PIC24FJ256GA705 FAMILY 20.0 ENHANCED PARALLEL MASTER PORT (EPMP) The Enhanced Parallel Master Port (EPMP) module pro- vides a parallel, 4-bit (Master mode only) or 8-bit (Master and Slave modes) data bus interface to communicate with off-chip modules, such as memories, FIFOs, LCD Controllers and other microcontrollers. This module can serve as either the master or the slave on the communication bus. For EPMP Master modes, all external addresses are mapped into the internal Extended Data Space (EDS). This is done by allocating a region of the EDS for each Chip Select, and then assigning each Chip Select to a particular external resource, such as a memory or external controller. This region should not be assigned to another device resource, such as RAM or SFRs. To perform a write or read on an external resource, the CPU simply performs a write or read within the address range assigned for the EPMP. Key features of the EPMP module are: • Extended Data Space (EDS) Interface Allows Direct Access from the CPU • Up to Ten Programmable Address Lines • Up to Two Chip Select Lines • Up to Two Acknowledgment Lines (one per Chip Select) • 4-Bit or 8-Bit Wide Data Bus • Programmable Strobe Options (per Chip Select): - Individual read and write strobes or; - Read/Write strobe with enable strobe • Programmable Address/Data Multiplexing • Programmable Address Wait States • Programmable Data Wait States (per Chip Select) • Programmable Polarity on Control Signals (per Chip Select) • Legacy Parallel Slave Port Support • Enhanced Parallel Slave Support: - Address support - 4-byte deep auto-incrementing buffer Only the higher pin count packages in the family implement the EPMP. The EPMP feature is not available on 28-pin devices. Note: This data sheet summarizes the features of this group of PIC24F devices. It is not intended to be a comprehensive reference source. For more information, refer to the “dsPIC33/PIC24 Family Reference Manual”, “Enhanced Parallel Master Port (EPMP)” (DS39730), which is available from the Microchip website (www.microchip.com). The information in this data sheet supersedes the information in the FRM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |