Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RASPBERRY-PI3-CASE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RASPBERRY-PI3-CASE
Description  Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RASPBERRY-PI3-CASE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RASPBERRY-PI3-CASE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raspberry Pi Enclosure
For the Raspberry Pi 3 Model B
Manufacture Part Number: RASPBERRY-PI3-CASE
Technical Specification:
 Official enclosure from the Raspberry Pi Foundation
 5 part enclosure
 Raspberry coloured enclosure with White removable lid and sides (GPIO side and
HDMI side)
 Product is supplied assembled, shrink-wrapped with 4 rubber feet loose inside
 Dimensions: 96mm x 26mm x 71mm
Compatible With:
 Raspberry Pi 3 Model B


Similar Part No. - RASPBERRY-PI3-CASE

ManufacturerPart #DatasheetDescription
logo
AG Electronica
RASPBERRYPI-3-MODB-8MP-CA AGELECTRONICA-RASPBERRYPI-3-MODB-8MP-CA Datasheet
761Kb / 6P
RASPBERRY PI 3, Modelo B con camara de 8MP
18/12/2018
logo
List of Unclassifed Man...
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
RASPBERRYPI3-MODB-1GB ETC-RASPBERRYPI3-MODB-1GB Datasheet
1Mb / 4P
Raspberry Pi 3 Starter Kit
logo
Industrial Shields
RASPBERRYPLC INDUSTRIALSHIELDS-RASPBERRYPLC Datasheet
971Kb / 3P
CONECTABLE PLC RASPBERRY PI 24 Vcc
Rev. 20250114
More results

Similar Description - RASPBERRY-PI3-CASE

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
4DPI-24-HAT 4DSYSTEMS-4DPI-24-HAT Datasheet
2Mb / 21P
Primary Displays for Raspberry Pi
28th June 2021
logo
SparkFun Electronics
DEV-12996 SPARKFUN-DEV-12996 Datasheet
98Kb / 1P
Raspberry Pi Enclosure - Clear (RPi2, B)
11/16/2015
DEV-12997 SPARKFUN-DEV-12997 Datasheet
101Kb / 1P
Raspberry Pi Enclosure - Black (RPi2, B)
11/16/2015
DEV-15316 SPARKFUN-DEV-15316 Datasheet
169Kb / 2P
SparkFun Servo pHAT for Raspberry Pi
7??2??9
DEV-15794 SPARKFUN-DEV-15794 Datasheet
190Kb / 2P
SparkFun Qwiic SHIM for Raspberry Pi
12??2??9
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
List of Unclassifed Man...
110020169 ETC-110020169 Datasheet
3Mb / 50P
Grove Base Kit for Raspberry Pi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com