Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTQ123-DC Datasheet(PDF) 2 Page - Astec America, Inc

Part # NTQ123-DC
Description  70-125 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

NTQ123-DC Datasheet(HTML) 2 Page - Astec America, Inc

  NTQ123-DC Datasheet HTML 1Page - Astec America, Inc NTQ123-DC Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
109
www.astec.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
1 2 3
5 3 1
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load4
Convection Cooling
30 CFM Forced Air
Load1
P/P (PARD)3
NTQ123-DC
+3.3 V(2.5-5.7)
2 A
14 A
25 A
28 A
±2%
50 mV
+5 V(2.5-5.7)
0 A
12.5 A
24 A
28 A
±2%
50 mV
+12 V
0 A
1 A
2 A
4 A
±3%
120 mV
-12 V
0 A
0.5 A
1 A
1.5 A
±3%
120 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. Minimum loads are required. In parallel minimum loads are 2 A on the 5 V output and 2 A on the 3.3 V output for each power supply
Connector
SK1
PIN 1
Ground
PIN 3
-48 VDC
PIN 5
Return
SK2
PIN 1
+12 V
PIN 2
Common
PIN 3
-12 V
SK3
PIN 1
3.3 V SWP
PIN 2
-3.3 V Sense
PIN 3
+3.3 V + Sense
PIN 4
5 V SWP
PIN 5
COMMON
PIN 6
+5 V Sense
PIN 7
-5 V Sense
PIN 8
+ Inhibit
PIN 9
- Inhibit
PIN 10
Power Fail
Mating Connectors
(SK1) DC Input:
Molex: 09-50-8051 (USA)
Molex: 09-91-0500 (UK)
PINS: 08-58-0111
V1 & V2:
Molex BB-124-08
(SK2) ±12V
Molex:09-50-8031 (USA)
Molex: 09-91-0300 (UK)
PINS: 08-58-0111
(SK3) Control Signals:
Molex: 90142-0010
PINS: 90119-2110
or
Amp: 87977-3
PINS: 87309-8
Astec Connector Kit #70-841-012, includes al of the above.
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance ±.02”.
3. Remote inhibit requires an external 5 V @ 10 mA
to activate
4. Mounting maximum insertion depth is 0.12”.
5. Warranty: 1 year
6. Weight: 1..49 lb. / 0.68 kg
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com