Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC76F Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # LC76F
Description  Compact GNSS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

LC76F Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  LC76F Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. LC76F Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Status: Released
Key Features
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Version: 1.0
Quectel LC76F
Compact GNSS Module
Quectel LC76F GNSS module supports concurrent reception of GPS, GLONASS (or BeiDou) and QZSS. It can acquire
and track any mix of GPS, GLONASS (or BeiDou) and SBAS signals. LC76F is designed to be compatible with Quectel
L76 and L76-L as well as L76-LB modules, allowing convenient migration between them.
The integrated LNA provides an improved sensitivity, as well as improved accuracy, fast tracking and acquisition of
signals, and can keep enhanced performance under challenged environment. Compared with single GPS system,
multiple GNSS systems increase the number of visible satellites, reduce the time to first fix and improve positioning
accuracy, even in dense urban canyons.
Combining advanced AGNSS technologies and low-power modes, LC76F achieves high performance, low power
consumption and fully meets the industrial standards.
Quectel LC76F’s superior performance makes it ideal for industrial PDA, consumer and industry applications.
Extremely low power consumption makes it a great solution for power-sensitive applications, especially portable
devices.
Multi-GNSS engine for GPS, GLONASS (or BeiDou) and
QZSS
Industrial leading sensitivity of -165 dBm during tracking
and -148 dBm during acquisition
Integrated LNA for high sensitivity
Supports anti-jamming and multi-tone active interference
canceller
Supports multiple low-power modes to ensure ultra-low
power consumption
Supports UART and I2C Interfaces
9.7 mm
AGNSS
Technology
Ultra Low Power
Consumption
Extremely
Compact Size
Super Tracking
Sensitivity:
-165 dBm
Operating Temperature
Range: -40 to +85 °C
Anti-jamming
RoHS Compliant
Multi-GNSS System
2.3 mm


Similar Part No. - LC76F

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC760Z SEOUL-LC760Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LC761 SEOUL-LC761 Datasheet
376Kb / 14P
INFRARED LAMP LED
LC761 SEOUL-LC761 Datasheet
360Kb / 13P
CYAN LAMP LED
LC761 SEOUL-LC761 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LC761 SEOUL-LC761 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LC76F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-GNSS1A1 STMICROELECTRONICS-X-NUCLEO-GNSS1A1 Datasheet
3Mb / 5P
GNSS Module
12-Oct-2018
logo
Quectel Wireless Soluti...
L26 QUECTEL-L26 Datasheet
1Mb / 2P
Compact GNSS Module with Super Sensitivity
L26-DR QUECTEL-L26-DR Datasheet
362Kb / 2P
Compact Multi-Constellation GNSS Module with DR Function
L26-LB QUECTEL-L26-LB Datasheet
1Mb / 2P
Compact GNSS Module
L26-T QUECTEL-L26-T Datasheet
425Kb / 2P
Ultra-Compact GNSS Timing Module
L76 QUECTEL-L76 Datasheet
1Mb / 2P
Compact GNSS Module
L76-LB QUECTEL-L76-LB Datasheet
1Mb / 2P
Compact GNSS Module
L86 QUECTEL-L86 Datasheet
1Mb / 2P
Compact GNSS Module Integrating Patch Antenna & MT3333 Solution
L89 QUECTEL-L89 Datasheet
1Mb / 2P
Compact IRNSS-enabled GNSS Module
L96 QUECTEL-L96 Datasheet
767Kb / 2P
Extremely Compact GNSS Module with Chip Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com