Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1F-R3 Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # SHT40-AD1F-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1F-R3 Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button SHT40-AD1F-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1F-R3 Datasheet HTML 18Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
17/18
10 Bibliography
[1] K. Ehrhorn, "A Humidity Sensor and a Methode for Manufacturing the Same.". UK, DE, FR, NL, DM, BE, US, CN
Patent EP1810013, US7741950, CN101040181, 2005.
[2] Sensirion, "Handling Instructions for Humidity Sensors," 2020.
11 Revision History
Date
Version
Page(s)
Changes
October 2020
1
all
Initial release
July 2021
2
multiple
3
4
4
10
9
12
15
11
12
12
16
Typo correction
Included checksum in Figure 1
Included description of NIST traceability in section 2
Included repeatability clarification in Table 1
Clarified I2C communication in section 4.1
Removed waiting time specification in Table 4
Specified serial number in 4.7
Updated qualification status in section 6
Deleted binary com. & included return values in Table 7
Updated note on duty cycle of heater in section 4.9
Added note on large current drawn by heater in section 4.9
Updated ordering information in Table 10
April 2022
3
multiple
multiple
4
4
4
9
10
16
16
Included SHT45 RH- and T-accuracy specifications
Extended max. heater duty cycle to 10%
Reduced RH response time to 4s in Table 1
Reduced long-term drift to <0.2 %RH/y in Table 1
Reduced hysteresis to ±0.8%RH at 25°C in Table 1
Updated max. measurement times in Table 4
Included I2C communication timing in section 4.2
Introduced new product version in Table 9
Updated ordering information in Table 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com