Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40-1313 Datasheet(PDF) 2 Page - Astec America, Inc

Part # SA40-1313
Description  40 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

SA40-1313 Datasheet(HTML) 2 Page - Astec America, Inc

  SA40-1313 Datasheet HTML 1Page - Astec America, Inc SA40-1313 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44(1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
Model
Output
Minimum
Maximum
Peak
Regulation
2
Ripple
Number
Voltage
Load
Load
Load
1
P/P (PARD)
3
SA40-1313
5 V
0.45 A
5 A
—
+5%, -4%
50 mV
12 V
0.3 A
3 A
4.5 A
±5%
120 mV
-12 V
0 A
0.35 A
—
±10%
120 mV
1. Peak current lasting <20 seconds. (Maximum Po = 60 W)
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF capacitor in parallel with 0.1 µF capacitor at rated line voltage and load ranges.
Connector
SA40-1313
SK1-1
Live
SK1-2
Pin removed
SK1-3
Neutral
SK2-1
+12 V
SK2-2
+5 V
SK2-3
+5 V
SK2-4
Common
SK2-5Common
SK2-6
-12 V
Mating Connectors
AC Input:
Molex 09-91-0300
DC Outputs: Molex 09-91-0600
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm).
3. Mounting holes M1, M2 and M3 should be grounded for
EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings
at 115 VAC input, 25°C unless otherwise stated.
6. For safety purposes, on mounting hole M4 use plastic
standoff.
7. Warranty: 1 year
8. Weight: 0.54 lb / 0.25 kg
0.14 (3.5)
2.57
(65.2)
0.156
(4)
.022
(5.5)
0.22
(5.5)
1.34
(34.0)
4.57 (116.0)
5.0 (127.0)
SK 1
N
L
+
SK 2
1
2
3
4
5
6
DIA (3 places)
0.12
(3)
M1
M2
M3
M4
3
2
1
3.0
(76.2)
Pin Assignments
89
www.astec.com
W9959_03_LP_final_074-098_25
2/8/02
4:03 PM
Page 89



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com