Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW2P Datasheet(PDF) 1 Page - Amphenol Corporation

Part # AW2P
Description  P-WEDGELOCK, 2 POSITION, AT SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW2P Datasheet(HTML) 1 Page - Amphenol Corporation

  AW2P Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AW2P
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
A
AW2P
A3
11
D.PARKS
18/SEP/13
NONE
P-WEDGELOCK, 2 POSITION, AT SERIES
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL: THERMOPLASTIC; COLOR: GREEN
2. RoHS COMPLIANT
3. CAVITIES: 2
4. KEYED: N/A
5. USE WITH CONNECTORS AT04-2P*
( * = MODIFICATIONS AND COLORS )
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
TITLE:
DWG NO:
REV:
SH:
OF:
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
1
1
A3
AW2P
P-WEDGELOCK, 2 POSITION, AT SERIES
RELEASE NEW DWG FORMAT
18/SEP/13
DRP
A3
13.2
10.4
3.7
9.3


Similar Part No. - AW2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW2P AMPHENOL-AW2P Datasheet
48Kb / 1P
HOUSING COLOR GREEN
More results

Similar Description - AW2P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AW2S AMPHENOL-AW2S_V01 Datasheet
101Kb / 1P
S-WEDGELOCK, 2 POSITION, AT SERIES
A4
AW3P AMPHENOL-AW3P_V01 Datasheet
128Kb / 1P
P-WEDGELOCK, 3 POSITION, AT SERIES
A4
AW4P AMPHENOL-AW4P Datasheet
89Kb / 1P
P-WEDGELOCK, 4 POSITION, AT SERIES
A4
AW6P AMPHENOL-AW6P_V01 Datasheet
92Kb / 1P
P-WEDGELOCK, 6 POSITION, AT SERIES
A4
AW8S AMPHENOL-AW8S Datasheet
93Kb / 1P
S-WEDGELOCK, 8 POSITION, AT SERIES
A4
logo
Amphenol Sine Systems C...
AWM-2P ASS-AWM-2P Datasheet
40Kb / 1P
P-WEDGELOCK, 2 POSITION, ATM SERIES
Rev. A3
AW12S ASS-AW12S Datasheet
66Kb / 1P
S-WEDGELOCK, 12 POSITION, AT SERIES
Rev. A4
AW2S-B ASS-AW2S-B Datasheet
61Kb / 1P
S-WEDGELOCK, 2 POSITION, B - KEY, AT SERIES
Rev. A4
AW2S-LED ASS-AW2S-LED Datasheet
49Kb / 1P
S-WEDGELOCK, 2 POSITION, LED, AT SERIES
Rev. A2
AW2S ASS-AW2S Datasheet
101Kb / 1P
S-WEDGELOCK, 2 POSITION, AT SERIES
Rev. A4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com