Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLF-080ML Datasheet(PDF) 3 Page - Hitachi Metals, Ltd

Part # FSLF-080ML
Description  3216 Size Chip Multilayer Diplexer for CELL/PCS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLF-080ML Datasheet(HTML) 3 Page - Hitachi Metals, Ltd

  FSLF-080ML Datasheet HTML 1Page - Hitachi Metals, Ltd FSLF-080ML Datasheet HTML 2Page - Hitachi Metals, Ltd FSLF-080ML Datasheet HTML 3Page - Hitachi Metals, Ltd FSLF-080ML Datasheet HTML 4Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LF-FSLF-080ML-0407A
0. 2
0. 4
0. 6
0. 8
1. 0
0
2 : - 0 . 2 60 9 d B
8 9 4 MH z
8 2 4 MH z
1 : - 0. 236 9 dB
3 : - 2 5. 26 9 d B
1 . 8 5 G H z
1 . 9 9 G H z
4: - 2 8. 799 d B
0
5
1 0
1 5
2 0
2 5
3 0
3 5
4 0
S T A R T
5 0 0 MH z
S T O P
2 5 0 0 MH z
1
2
3
4
1
2
S T A R T
5 0 0 MH z
S T O P
2 5 0 0 MH z
S T A R T
5 0 0 MH z
S T O P
2 5 0 0 MH z
2: - 3 0. 82 3 d B
8 9 4 MH z
8 2 4 MH z
1 : - 25. 67 8 dB
3 : - 2 4. 88 1 d B
1 . 8 5 G H z
1 . 9 9 G H z
4: - 2 9. 1 18 d B
2: - 2 8. 08
d B
8 9 4 MH z
8 2 4 MH z
1 : - 25. 08 9 dB
1
2
3
4
1
2
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
S T A R T
5 0 0 MH z
S T O P
2 5 0 0 MH z
0
5
1 0
1 5
2 0
2 5
3 0
3 5
4 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
8 9 4 MH z
2: - 35 . 4 37 d B
8 2 4 MH z
1: - 2 6. 097 d B
3: - 0. 37 43 dB
1 . 9 9 G H z
4: - 0 . 31 78 d B
1 . 8 5 G H z
1
2
3
4
3
4
S T A R T
5 0 0 MH z
S T O P
2 5 0 0 MH z
3 : - 2 0. 36 5 d B
1 . 8 5 G H z
1 . 9 9 G H z
4: - 2 4. 8 69 d B
3
4
0
5
10
15
20
25
30
35
40
All the technical data and information contained
herein are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com