Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F3DISCOVERY Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32F3DISCOVERY
Description  STM32 development boards
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3DISCOVERY Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32F3DISCOVERY Datasheet HTML 10Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 11Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 12Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F3DISCOVERY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Nucleo boards for wireless communication
P-NUCLEO-LRWAN2
By ST and USI
LoRaWAN node & gateway
LRWAN2 frequency > 800 MHz,
LRWAN3 frequency < 500 MHz,
LoRaWAN-compliant protocol stack
P-NUCLEO-LRWAN3
By ST and RisingHF
Long Range wireless node
Frequency range 150-960 MHz
LoRa, (G)FSK, (G)MSK, BPSK modulations
LoRaWAN, Sigfox-compliant protocol stack
Multiprotocol RF transceiver
Bluetooth
™ 5.2 and IEEE 802.15.4-2011
compliant
NUCLEO-WB55RG
By ST
NUCLEO-WL55JC
By ST
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com