Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250TLS-1FCG484E Datasheet(PDF) 11 Page - Microchip Technology

Part # MPFS250TLS-1FCG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCG484E Datasheet(HTML) 11 Page - Microchip Technology

Back Button MPFS250TLS-1FCG484E Datasheet HTML 7Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 8Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 9Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 10Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 11Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 12Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 13Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 14Page - Microchip Technology MPFS250TLS-1FCG484E Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
3.1.1.4
E51 Execution Pipeline
The E51 execution unit is a single-issue, in-order pipeline. The pipeline comprises five stages: instruction fetch,
instruction decode and register fetch, execute, data memory access, and register writeback. The pipeline has a peak
execution rate of one instruction per clock cycle. It is fully bypassed, so that most instructions have an apparent
one-cycle result latency. There are several exceptions:
• LD and LW have a two-cycle result latency, assuming a cache hit.
• LH, LHU, LB, and LBU have a three-cycle result latency, assuming a cache hit.
• MUL, MULW, MULH, MULHU, MULHSU, DIV, DIVU, REM, REMU, DIVW, DIVUW, REMW, and REMUW have
between a 2-cycle and 66-cycle result latency, depending on operand values.
• CSR reads have a three-cycle result latency.
The pipeline only interlocks on read-after-write and write-after-write hazards, so instructions may be scheduled to
avoid stalls.
The iterative multiplier is configured to produce 16 bits per cycle with an early-out option. The iterative divider has
latency of between three and 66 cycles and an early-out option.
Branch and jump instructions transfer control from the memory access pipeline stage. Correctly predicted branches
and jumps incur no penalty, whereas mispredicted branches and jumps incur a three-cycle penalty. Most CSR writes
result in a pipeline flush, a five-cycle penalty.
3.1.1.5
E51 Data Memory System
The E51 data memory system consists of 8 KB Data Tightly-Integrated Memory (DTIM). The access latency is two
clock cycles for full words and three clock cycles for smaller quantities. Misaligned accesses are not supported in
hardware and result in a trap to support software emulation. Stores are pipelined and commit on cycles where the
data memory system is otherwise idle. Loads to addresses currently in the store pipeline result in a five-cycle penalty.
3.1.1.6
E51 Memory Error Correction
The E51 DTIM implements single-error correcting, double-error detecting (SECDEC) error correcting code (ECC).
The granularity at which this protection is applied (the codeword) is 32 bits (with an ECC overhead of 7 bits per
codeword).
3.1.1.6.1 E51 Memory Single-Bit Errors
When a single bit error is detected in the E51 L1 memory used as a cache, the error is corrected and the cache
line is flushed consequently writing to the next level in the memory hierarchy (L2 cache). When a single bit error is
detected in the the E51 L1 memory configured as an ITIM, the error is corrected and written back to the ITIM location.
3.1.1.6.2 E51 Memory Error Reporting
ECC events are reported by the Bus-Error Unit (BEU) for a given core. The BEU can be configured to generate
interrupts either globally to the Platform Level Interrupt Controller (PLIC), or locally to the specific part where the ECC
event occurred. When BEU interrupts are enabled, software can then be used to monitor and count ECC events.
In order to detect uncorrectable ECC errors in the L1 memory system, interrupts must be enabled in the BEU.
Specifically, to halt execution of a core when an uncorrectable instruction is detected, the BEU must be configured
to generate a local interrupt. Uncorrectable ECC errors in the L1 system are also reported to the FPGA fabric as a
HALT_CPU_n signal, where n indicates the core (0= E51 core).
3.1.1.7
E51 Local Interrupts
The E51 supports up to 48 local interrupt sources routed directly to the core. The local interrupts are sourced from
the FPGA fabric. The E51 core receives the same 48 interrupt sources from the FPGA fabric as do the U54 cores.
3.1.2
U54 Application Cores
The U54 application core is 64-bit embedded RISC-V microprocessor, including an instruction fetch unit, an execution
pipeline, and a data memory system. The application core supports the standard RISC-V RV64IMAFDC (RV64GC)
user-level instruction set, with machine, supervisor, and user privilege modes.The U54s may run a rich operating
system such as Linux, an RTOS or a bare metal application.
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com