Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7301 Datasheet(PDF) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7301
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7301 Datasheet(HTML) 9 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7301 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7301 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AM7301
Motor Driver ICs
http://www.amtek-semi.com
Aug.. 2
20
01
13
3 V
V1
1..6
6
Specifications subject to change without notice
- 9 -
Note
1) Absolute maximum ratings
This product is produced with strict quality control, but destroyed in using beyond absolute
maximum ratings. Once IC destroyed, a failure mode cannot be defined (like short-mode or
open-mode).Therefore, physical security counter measure, like fuse, is to be given when a
specific mode to be beyond absolute maximum rating is considered.
2) Reverse connection of power supply
Reverse connection of the power supply may break the device. A countermeasure is needed
such as using reverse current protection diodes between the power supply and the VCC terminal.
3) Power supply line
The BEMF causes re-circulate current to power supply, Please connect a capacitor between
power supply and GND as a route of re-circulate current. And please determine the capacitance
after confirmation that the capacitance does not causes any problems.
4) GND potential
The GND terminal should be the location of the lowest voltage on the chip.
5) Thermal design
The thermal design should allow enough margins for actual power dissipation.
6) Mounting failures
Mounting failures, such as misdirection or miss-mounts, may destroy the device.
The electrical short caused by falling particle, between outputs; power supply and output; or
output and ground, may damage the device.
7) Layout guide
<a> There are 2 Bars on AM7301 exposed pad, the advantage of these 2 bars is to detect if
exposed pad is well mounted on PCB ground.
<b> The PCB ground layout should be larger enough to cover exposed pad bar in order to detect
exposed pad is well mounted on PCB.
Please refer to following drawing
PCB Ground Layout should be larger
to cover exposed pad bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com