Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM9858P Datasheet(PDF) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9858P
Description  180 Deg BLDC Motor Driver for Optical Storage AM9858
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9858P Datasheet(HTML) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM9858P Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD AM9858P Datasheet HTML 16Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AM9858
Optical Disc ICs
http://www.amtek-semi.com
Jun.. 2
20
01
13
3 V
V1
1..6
6P
P
Specifications subject to change without notice
- 13 -
Notice
1) Wiring for RSP
Considering the wiring resistance, connect each detecting resistor as close as possible to
the current detection terminals for the spindle drive RSP (pin 25, 26) of the IC.
2) Reverse-rotation braking
In the case of reverse-rotation braking from high speed rotation, pay good attention to
reverse electromotive force. Furthermore, fully check the voltage to be applied to the output
terminal and consider the revolutions applied to the reverse-rotation brake.
3) Bypass capacitor
Please connect a bypass capacitor (0.1uF) across the supply voltage lines close to the IC
pins.
Supply fault, ground fault, and short-circuit between output terminals.
Do not short-circuit between any output pin and supply pin (supply fault) or ground (ground
fault), or between any output pins (load short-circuit). When mounting the IC on the circuit
board, be extremely cautions about the orientation of the IC. If the orientation is mistaken,
the IC may break down, and produce smoke in some cases.
4) Heat dissipation fins
Heat dissipation fins are attached to the GND on the inside of the package. Make sure to
connect them to the external GND.
5) Brake mode select
This IC has two brake mode, PWM Reverse-rotation braking mode and Short-circuit braking
mode.
It is possible to select brake mode when MU2(pin6) terminal are set “H” or “L”.
In this IC recommendation, Short-circuit braking mode is superior to PWM Reverse-rotation
braking to reducing the power dissipation and to avoid breaking down of this IC.
We suggest to take Short-circuit braking mode over 3000rpm and PWM Reverse-rotation
braking mode below 3000rpm.
6) MU1 H→L setting
Before MU1(pin5) terminal set are from “H” to “L”, please low down pin10(SPIN)
voltage to ensure the spindle motor speed lower than 3000RPM.
7) The capacitor between RSP-GND
The capacitor between RSP-GND absorbs change of steep voltage and current on
account PWM drive, and suppresses disorder of VM voltage. However, if a capacitor
becomes far from IC, the effect will fall under the influence of wiring impedance etc.
Please arrange the capacitor between RSP-GND near the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com