Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-G Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # CT-G
Description  Compact Non-contact Infrared Thermometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CT-G Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  CT-G Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CT-G Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CT-G Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CT-G Series Specification
Compact Non-contact Infrared Thermometer
Page
2 of 3
1.0.0
Modbus-RTU Register Table
- BaudRate: 19,200 bps(fixed), data bit: 8, stop bit: 1, parity: none, flow control: none.
- R = Read
- W = Write (single write)
Address
Length
(short)
Description
R/W
Dec
Hex
40,000
0x9C40
1
Device ID (1 ~ 200), Modbus broadcast not supported.
R/W
40,001
0x9C41
1
Emissivity (10~100. default : 99) (*)
R/W
40,002
0x9C42
1
Object temperature
R
40,003
0x9C43
1
Ambient temperature
R
*: “99” means emissivity “0.99”. To adjust the emissivity to 0.98, write 98 not 0.98.
Support Modbus function codes
- Read Holding Registers 03 (0x03)
- Write Single Register: 06 (0x06)
Object Temperature: To, Ambient Temperature: Ta
To is the object temperature derived from thermopile and ambient sensor outputs.
Ta stands for ambient temperature.
0x3BFB(read data) = 15,355(dec) → 15,355 * 0.02 - 273.15 = 33.95℃
0x3365(read data) → 13,157(dec) → 13,157 * 0.02 - 273.15 = -10.01℃
Output Data limit (object temperature): -19.99℃ … 105.01℃
Request & Response timing
- Request cycle: ≥100ms
- First data request time after Power-on: ≥ 1 sec
- Timeout: ≥ 25ms
Note. If there is an error in the request sequence (including crc), there is no response data.
Products handling precaution
※ When it comes to dust removal by air, the best method is to use a blower, and to avoid using compressed air.
※ Do not press the lens with your hands or any other object.
※ Do not scratch the lens surface with sharp objects.
※ Voluntary disassembly and modification of the product is prohibited.
※ Avoid direct sunlight, chemical substance, heat or fire.
※ Water resistance is not guaranteed.
Request cycle
≥100ms
5~15 ms
Response delay
Request
Response: ≤10ms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com