Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF4320 Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # CSRF4320
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF4320 Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

Back Button CSRF4320 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSRF4320 Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev Date: 6/28/2022
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Recommendations:
•
Peak reflow temperatures and durations:
o
IR Reflow Peak = 260°C max for 10 seconds
o
Wave Solder = 260°C max for 10 seconds
•
Compatible with lead and lead-free solder reflow process
•
Recommended IR Reflow Profile:
High Power Chip Resistors and Thermal Management
Stackpole has developed several surface mount resistor series in addition to our current sense resistors, which have had
higher power ratings than standard resistor chips. This has caused some uncertainty and even confusion by users as to
how to reliably use these resistors at the higher power ratings in their designs.
The data sheets for the RHC, RMCP, RNCP, CSR, CSRN, CSRF, CSS, and CSSH state that the rated power assumes
an ambient temperature of no more than 100ºC for the CSS / CSSH series and 70ºC for all other high power resistor
series. In addition, IPC and UL best practices dictate that the combined temperature on any resistor due to power
dissipated and ambient air shall be no more than 105ºC
. At first glance this wouldn’t seem too difficult, however the graph
below shows typical heat rise for the CSR1206 100 milliohm at full rated power. The heat rise for the RMCP and RNCP
would be similar. The RHC with its unique materials, design, and processes would have less heat rise and therefore
would be easier to implement for any given customer.
Recommended Pad Layouts
– CSRF-HP
Size
a
b
c
Unit
0.008
0.031
0.024
inches
0.20
0.80
0.60
mm
CSRF0603…-HP
0.024
0.035
0.039
inches
0.005 Ω - 0.009 Ω
0.60
0.90
1.00
mm
CSRF0603…-HP
0.035
0.028
0.039
inches
0.01 Ω - 0.03 Ω
0.90
0.70
1.00
mm
0.047
0.047
0.055
inches
1.20
1.20
1.40
mm
CSRF0402…-HP
CSRF0805…-HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com