Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF1206 Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # CSRF1206
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF1206 Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button CSRF1206 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSRF1206 Datasheet HTML 11Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev Date: 6/28/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive
1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
C
S
R
F
0
4
0
2
F
T
8
L
0
0
-
H
P
Resistance Value
Code
Description
Code
Tol
Code
Description
Size
Quantity
Code
Description
CSRF Foil/Ceramic
Std
-HP
F
1%
0402
10000
blank
Standard
0402
0.125
0.25
J
5%
-HP
High Power
0603
0.25
0.5
0805
0.5
1
0508
1
NA
2010
4000
1206
1
NA
0.005 ohm = 5L00
0612
1.5
NA
0.01 ohm = 10L0
2010
1
NA
0.1 ohm = R100
2512
2
NA
2817
2-5
NA
4320
5
NA
Special
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm..
Product Series
Tolerance
Packaging
Size
7" Reel
Paper Tape
0603, 0805
0612, 1206
0508
5000
T
2000
Embossed
Plastic Tape
W
Code
2512
2817, 4320



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com