Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRF0603 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # CSRF0603
Description  Foil on Ceramic Current Sensing Chip Resistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRF0603 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  CSRF0603 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRF0603 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev Date: 6/28/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSRF Series
Foil on Ceramic Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– CSRF0612
Mechanical Specifications
– CSRF4320
Mechanical Specifications
– CSRF2010
Mechanical Specifications
– CSRF2817
CSRF2010
0.197 ± 0.008
0.098 ± 0.008
0.030 ± 0.008
0.063 ± 0.008
inches
< 0.005 Ω
5.00 ± 0.20
2.50 ± 0.20
0.75 ± 0.20
1.60 ± 0.20
mm
CSRF2010
0.197 ± 0.008
0.098 ± 0.008
0.030 ± 0.008
0.024 ± 0.008
inches
≥ 0.005 Ω
5.00 ± 0.20
2.50 ± 0.20
0.75 ± 0.20
0.60 ± 0.20
mm
Type/Code
L
W
H
T
Unit
Body Length
Body Width
Body Height
Bottom Termination
0.433 ± 0.008
0.197 ± 0.008
0.026 ± 0.008
0.093 ± 0.012
inches
11.00 ± 0.20
5.00 ± 0.20
0.65 ± 0.20
2.36 ± 0.30
mm
CSRF4320
L
W
H
Type/Code
T
Unit
Body Length
Body Width
Body Height
Bottom Termination
0.063 ± 0.008
0.126 ± 0.008
0.024 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.20
3.20 ± 0.20
0.60 ± 0.20
0.30 ± 0.20
mm
T
Unit
Body Length
Body Width
Body Height
Bottom Termination
CSRF0612
Type/Code
L
W
H
0.043 ± 0.012
inches
0.280 ± 0.012
0.165 ± 0.012
0.031 ± 0.008
1.10 ± 0.30
mm
7.10 ± 0.30
4.20 ± 0.30
0.80 ± 0.20
0.039 ± 0.012
inches
1.00 ± 0.30
mm
W
H
Ohmic Value
(Ω)
T
Unit
Body Length
Body Width
Body Height
Bottom Termination
CSRF2817
0.003 - 0.004
0.005 - 0.1
Type/Code
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com