Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13812-RTA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN13812-RTA
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13812-RTA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN13812-RTA Datasheet HTML 1Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 2Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 3Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 4Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 5Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 6Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 7Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 8Page - Panasonic Semiconductor MN13812-RTA Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Microcomputer Peripheral LSIs
MN1380 Series
Electrical Characteristics
1) DC Characteristics VSS=0V, Ta=–20˚C to +70˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply current
IDD
VDD = 5 V *1
15
µA
Load resistance = 10 kW
Detection voltage for drop
VDL
Ta=25˚C
*2
*2
V
in power supply voltage *2
See Figures 1 and 4.
Detection voltage hysteresis
∆VD
*2
*2
mV
width *2
"H" level output voltage
VOH
CMOS output
IOH=– 40µA
0.8VDD
VDD
Inverted
VDD=1.8V
0.8
VDD
V
CMOS output
IOH=– 0.5mA
–1.5
"L" level output voltage
VOL
N-channel open
VDD=1.8V
VSS
0.4
drain output
IOL=0.7mA
V
Inverted
VDD=6.0V
VSS
0.6
CMOS output
IOH=0.3mA
Absolute Maximum Ratings V
SS=0V, Ta=25˚C
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
7.0
V
Output voltage
VO
– 0.3 to VDD +0.3
V
Operating ambient temperature
Ta
–20 to +70
˚C
Storage temperature
Tstg
–55 to +125
˚C
Recommended Operating Conditions V
SS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply
VDD
See Figures 1 and 4.
1.5
6.0
V
voltage
Notes
*1: This includes the output pin's leakage current.
*2: For particulars, see the detection voltage rank table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com