Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM124AFKB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM124AFKB
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM124AFKB Datasheet(HTML) 1 Page - Texas Instruments

  LM124AFKB Datasheet HTML 1Page - Texas Instruments LM124AFKB Datasheet HTML 2Page - Texas Instruments LM124AFKB Datasheet HTML 3Page - Texas Instruments LM124AFKB Datasheet HTML 4Page - Texas Instruments LM124AFKB Datasheet HTML 5Page - Texas Instruments LM124AFKB Datasheet HTML 6Page - Texas Instruments LM124AFKB Datasheet HTML 7Page - Texas Instruments LM124AFKB Datasheet HTML 8Page - Texas Instruments LM124AFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx
Quadruple Operational Amplifiers
1 Features
• Wide supply range:
– 3 V to 36 V (B, BA versions)
– 3 V to 30 V (LMx24, LM2902V)
• Low input offset voltage maximum at 25°C:
– 2 mV (BA versions LM2902A, LM124A)
– 3 mV (B versions LMx24xA)
• Low input bias current maximum at 25°C:
– 35 nA (B, BA versions)
• 2-kV ESD protection (HBM) (B, BA, K versions)
• Internal RF and EMI filter (B, BA versions)
• Low quiescent current of 175-μA/ch typical
• Common-mode input voltage range includes VCC–
• Differential input voltage range equal to maximum-
rated supply voltage
• Open-loop differential voltage amplification:
100-V/mV typical
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.
2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Motor control: AC induction, brushed DC,
brushless DC, high-voltage, low-voltage,
permanent magnet, and stepper motor
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies
• Electronic point-of-sale systems
3 Description
These devices consist of four independent, high-gain,
frequency-compensated, operational amplifiers that
are designed specifically to operate from a single
supply or split supply over a wide range of voltages.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
LM324B(2), LM324BA(2),
LM2902B(2), LM2902BA(2),
LM324, LM324A, LM324K,
LM324KA, LM2902,
LM2902K, LM2902KV,
LM2902KAV, LM224,
LM224A, LM224K,
LM224KA, LM124
SOIC (14)
8.65 mm × 3.91 mm
LM324B(2), LM324BA(2),
LM2902B(2), LM2902BA(2),
LM324, LM324A, LM324K,
LM324KA, LM2902,
LM2902K, LM2902KV,
LM2902KAV, LM124
TSSOP (14) 5.00 mm × 4.40 mm
LM324, LM324A, LM324K,
LM324KA, LM2902,
LM2902K, LM224, LM224A,
LM224K, LM224KA
PDIP (14)
19.30 mm × 6.35 mm
LM324, LM324A, LM324K,
LM324KA, LM2902,
LM2902K
SO (14)
9.20 mm × 5.30 mm
LM324A, LM2902K
SSOP (14)
6.20 mm × 5.30 mm
LM124A
CDIP (14)
19.56 mm × 6.67 mm
CFP (14)
9.21 mm × 5.97 mm
LCCC (20)
8.90 mm × 8.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This product is preview only.
Family Comparison
SPECIFICATION
LM324B
LM324BA
LM2902B
LM2902BA
LM324
LM324A
LM324K
LM324KA
LM2902
LM2902K
LM2902KV
LM2902KAV
LM224
LM224A
LM224K
LM224KA
LM124
LM124A
Units
Supply voltage
3 to 36
3 to 36
3 to 30
3 to 30
3 to 26
3 to 26
3 to 30
3 to 30
3 to 30
3 to 30
3 to 30
V
Offset voltage (max, 25°C)
± 3
± 2
± 3
± 2
± 7
± 3
± 7
± 3
± 7
± 7
± 7
± 2
± 5
± 3
± 5
± 3
± 5
± 2
mV
Input bias current (typ / max)
10 / 35
10 / 35
20 / 250
15 / 100
20 / 250
15 / 100
20 / 250
20 / 250
20 / 150
15 / 80
20 / 150
15 / 80
20 / 150
20 / 50
nA
ESD (HBM)
2000
2000
500
2000
500
2000
500
2000
500
V
Operating ambient
temperature
−40 to 85
−40 to 125
0 to 70
0 to 70
−40 to 125
−40 to 125
−25 to 85
−25 to 85
−55 to 125
°C
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066X – SEPTEMBER 1975 – REVISED MAY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM124AFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM124AFKB TI-LM124AFKB Datasheet
598Kb / 24P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124AFKB TI-LM124AFKB Datasheet
759Kb / 29P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM124AFKB TI1-LM124AFKB Datasheet
1Mb / 40P
Quadruple Operational Amplifiers
REVISED MARCH 2015
LM124AFKB TI-LM124AFKB Datasheet
2Mb / 53P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM124AFKB TI-LM124AFKB Datasheet
3Mb / 55P
Quadruple Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - LM124AFKB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM124 TI-LM124_V01 Datasheet
2Mb / 53P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM124 TI1-LM124_V03 Datasheet
3Mb / 54P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
LM124 TI1-LM124_V04 Datasheet
3Mb / 55P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED NOVEMBER 2023
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com