Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRT0201HT10R0-UP Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSRT0201HT10R0-UP
Description  Thin Film Current Sensing Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRT0201HT10R0-UP Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSRT0201HT10R0-UP Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRT0201HT10R0-UP Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev Date: 3/28/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com/
Please confirm technical specifications before you order and/or use.
CSRT Series
Thin Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Electrical Specifications
– Wide Termination
0.024 ± 0.001
0.012 ± 0.001
0.010 ± 0.002
0.006 ± 0.002
0.006 ± 0.002
inches
0.60 ± 0.03
0.30 ± 0.03
0.26 ± 0.05
0.15 ± 0.05
0.15 ± 0.05
mm
0.039 ± 0.004
0.020 ± 0.002
0.014 ± 0.002
0.008 ± 0.004
0.010 ± 0.004
inches
1.00 ± 0.10
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.25 ± 0.10
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.010 ± 0.006
0.012 ± 0.006
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.25 ± 0.15
0.30 ± 0.15
mm
0.079 ± 0.004
0.049 ± 0.004
0.022 ± 0.004
0.014 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.10
1.25 ± 0.10
0.55 ± 0.10
0.35 ± 0.20
0.40 ± 0.20
mm
0.122 ± 0.004
0.063 ± 0.004
0.022 ± 0.004
0.016 ± 0.008
0.018 ± 0.008
inches
3.10 ± 0.10
1.60 ± 0.10
0.55 ± 0.10
0.40 ± 0.20
0.45 ± 0.20
mm
0.122 ± 0.004
0.098 ± 0.006
0.022 ± 0.004
0.020 ± 0.008
0.020 ± 0.008
inches
3.10 ± 0.10
2.50 ± 0.15
0.55 ± 0.10
0.50 ± 0.20
0.50 ± 0.20
mm
0.197 ± 0.008
0.098 ± 0.006
0.022 ± 0.004
0.024 ± 0.010
0.024 ± 0.010
inches
5.00 ± 0.20
2.50 ± 0.15
0.55 ± 0.10
0.60 ± 0.25
0.60 ± 0.25
mm
0.248 ± 0.008
0.126 ± 0.008
0.028 ± 0.006
0.026 ± 0.010
0.026 ± 0.010
inches
6.30 ± 0.20
3.20 ± 0.20
0.70 ± 0.15
0.65 ± 0.25
0.65 ± 0.25
mm
CSRT0402
CSRT2512 (-UP)
Type/Code
Unit
CSRT0201
CSRT0603
L
Body Length
W
Body Width
H
Body Height
I2
Bottom Termination
I1
Top Termination
CSRT0805
CSRT2010
CSRT1210
CSRT1206
(0.039 Ω - 10 Ω)
0.130 ± 0.008
0.067 ± 0.008
0.026 ± 0.008
0.008 ± 0.006
0.027 ± 0.008
inches
3.30 ± 0.20
1.70 ± 0.20
0.65 ± 0.20
0.20 ± 0.15
0.68 ± 0.20
mm
I2
Bottom Termination
Unit
CSRT1206
(0.01 Ω - 0.038 Ω)
Type/Code
L
Body Length
W
Body Width
H
Body Height
I1
Top Termination
0.5%
1%
2%
5%
± 150
-
± 100
0.1 - 2
± 150
-
± 100
0.1 - 2
± 150
-
± 100
0.1 - 2
CSRT1225
3
17.32
38.73
0.01 - 0.019
0.02 - 2
CSRT1020
2
14.14
31.62
0.01 - 0.019
0.02 - 2
CSRT0612
1
10
22.36
0.01 - 0.019
0.02 - 2
Ohmic Range (Ω) and Tolerance
TCR (ppm/ºC)
Type/Code
Power Rating (W)
@ 70ºC
Max Rated Current
(A)
Max Overload
(A)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com