Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA Datasheet(PDF) 1 Page - 3M Electronics

Part # TSA
Description  Film Applicators for Textured Surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TSA Datasheet(HTML) 1 Page - 3M Electronics

  TSA Datasheet HTML 1Page - 3M Electronics TSA Datasheet HTML 2Page - 3M Electronics TSA Datasheet HTML 3Page - 3M Electronics TSA Datasheet HTML 4Page - 3M Electronics TSA Datasheet HTML 5Page - 3M Electronics TSA Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PB-IB TSA & CMP Tools - 1
Product & Instruction Bulletin TSA & CMP Tools
Release B, Effective March 2008
See Bulletin Change Summary at end of Bulletin
Film Applicators for Textured Surfaces
3M
t Textured Surface Applicator TSA-1, Large Area Roller
3M
t Textured Surface Applicator TSA-2, Mortar Joint Roller
3M
t Textured Surface Applicator TSA-3, Edge Roller
3M
t Two-Handled Textured Surface Applicator TSA-4, Large Area Roller
3M
t Power Grip Magic Pad Applicator CMP-1
Note:
Some tools and processes in this Bulletin are described and claimed in 3M Patents and pending Patent applications.
Intended Use
These tools, except the pad applicator CMP-1, are intended primarily for applying 3M™
Scotchcal™ Graphic Film for Textured Surfaces IJ8624 or 8624 ES to moderately textured
wall surfaces using high heat. The use of such high heat with other films is not
recommended.
Health and Safety
WARNING
!
Physical Comfort
Any activity performed for a long period of time in an awkward position or with a high
amount of force is potentially a risk for causing musculoskeletal strain, pain or injury. When
applying graphics, follow these practices to improve comfort and avoid injury:
• Alternative your tasks during the application.
• Schedule regular breaks.
• Perform stretches or do exercises to improve circulation.
• Avoid awkward reaching.
WARNING
!
Risks of Using Heat Sources
• Read, understand and follow the safety instructions contained in both this 3M Instruc­
tion Bulletin as well as the heat-gun manufacturer's manual.
• Wear a heat-resistant glove on the hand(s) holding the applicator.
• Do not use heat sources near solvent mixtures or residues, or in areas where solvent
vapors may be present at hazardous levels.
• Never use an open-flame heat source in this process.
CAUTION
!
Ventilation
Always provide adequate ventilation to remove emissions that may result from the use of
heat. Failure to provide adequate ventilation can result in operator exposure.
High Heat May Degrade Foam Rollers and Damage Substrate
High heat directed at the foam may degrade the foam. Always direct the heat toward the
film, not the foam roller.
High heat may also damage the substrate: use with caution.
Air Quality Regulations
State Volatile Organic Compound (VOC) regulations may prohibit the use of certain cleaning
solutions. For example, the California South Coast Air Quality Management District prohibits
use of certain solvent-based solutions without a permit and other California AQMD's prohibit
use of certain solutions without a permit or a regulatory exemption. You should check with
your State environmental authorities to determine whether use of this solution is restricted
or prohibited.


Similar Part No. - TSA

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
TSA ATC-TSA Datasheet
308Kb / 1P
Interval Solid-State Output
TSA-100-AFC ATC-TSA-100-AFC Datasheet
308Kb / 1P
Interval Solid-State Output
TSA-100-ARC ATC-TSA-100-ARC Datasheet
308Kb / 1P
Interval Solid-State Output
TSA-100-ASC ATC-TSA-100-ASC Datasheet
308Kb / 1P
Interval Solid-State Output
logo
Teledyne Technologies I...
TSA-213241 TELEDYNE-TSA-213241 Datasheet
172Kb / 2P
100 TO 1000 MHz, 20 WATTS HIGH POWER GaN AMPLIFIER
More results

Similar Description - TSA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB733TR OPTEK-OPB733TR Datasheet
367Kb / 6P
Unfocused for sensing diffuse surfaces
logo
Molex Electronics Ltd.
0638018600 MOLEX11-0638018600 Datasheet
40Kb / 1P
TM-3000 and TM-4000 Press Adapter Kit for JST Applicators
logo
Abracon Corporation
ART915X1620TX16-IC ABRACON-ART915X1620TX16-IC Datasheet
407Kb / 3P
LONG RANGE RFID TAG IDEAL FOR METAL SURFACES
07/13/2016
logo
TE Connectivity Ltd
408-10389 TEC-408-10389 Datasheet
880Kb / 19P
Ocean Side-Feed Applicators
logo
Abracon Corporation
ART915X2509EP60-IC ABRACON-ART915X2509EP60-IC Datasheet
456Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X3030YZ30-IC ABRACON-ART915X3030YZ30-IC Datasheet
392Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART915X25275YZ25-IC ABRACON-ART915X25275YZ25-IC Datasheet
365Kb / 3P
Suitable for non-metal surfaces
07/13/2016
ART923X1015YZ10-IC ABRACON-ART923X1015YZ10-IC Datasheet
388Kb / 3P
Suitable for non-metal surfaces
06/27/2016
logo
Ultralife Corporation.
UCH-X5 ULTRALIFE-UCH-X5 Datasheet
227Kb / 1P
Easy to clean surfaces for medical environment
Rev: -
logo
Molex Electronics Ltd.
638634000 MOLEX-638634000 Datasheet
167Kb / 5P
63863-4000 Fine Adjust Applicators
01-27-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com