Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331I Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV331I
Description  PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331I Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV331I Datasheet HTML 9Page - Texas Instruments LMV331I Datasheet HTML 10Page - Texas Instruments LMV331I Datasheet HTML 11Page - Texas Instruments LMV331I Datasheet HTML 12Page - Texas Instruments LMV331I Datasheet HTML 13Page - Texas Instruments LMV331I Datasheet HTML 14Page - Texas Instruments LMV331I Datasheet HTML 15Page - Texas Instruments LMV331I Datasheet HTML 16Page - Texas Instruments LMV331I Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
2.3
Loudspeaker Connectors (J100
… J600)
2.4
Optional Header for Line Out and Headphone (J10)
Loudspeaker Connectors (J100
… J600)
Table 2-2. J70 Pin Description
PIN NUMBER
NET-NAME AT SCHEMATICS
DESCRIPTION
1
VDD
Output stage power supply
2
-
System power supply
3
GND
Ground
4
GND
Ground
CAUTION
Both positive and negative speaker outputs are floating and may not be
connected to ground (e.g. through an oscilloscope).
Figure 2-3. J100
… J600 Pin Numbers (PCB connector top view)
Table 2-3. J100 - J600 Pin Description
PIN NUMBER
NET-NAME AT SCHEMATICS
DESCRIPTION
1
OUT_A
Speaker negative output
2
OUT_B
Speaker positive output
This is a optional interface for line out and headphone connections.
Table 2-4. J10 Pin Description
PIN NUMBER
DESCRIPTION
1
Left line out channel PWM (M)
2
Left line out channel PWM (P)
3
/Valid for line out channels
4
Right line out channel PWM (M)
5
Right line out channel PWM (P)
6
Ground
7
Left headphone channel (M)
8
Left headphone channel (P)
9
Right headphone channel (M)
10
Right headphone channel (P)
11
Headphone select – Active when low and inactive when high
12
Ground
System Interfaces
SLEU058 – October 2004
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com