Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPD2003 Datasheet(PDF) 4 Page - Texas Instruments

Part # CMPD2003
Description  AN-1713 LM5116-12 Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CMPD2003 Datasheet(HTML) 4 Page - Texas Instruments

  CMPD2003 Datasheet HTML 1Page - Texas Instruments CMPD2003 Datasheet HTML 2Page - Texas Instruments CMPD2003 Datasheet HTML 3Page - Texas Instruments CMPD2003 Datasheet HTML 4Page - Texas Instruments CMPD2003 Datasheet HTML 5Page - Texas Instruments CMPD2003 Datasheet HTML 6Page - Texas Instruments CMPD2003 Datasheet HTML 7Page - Texas Instruments CMPD2003 Datasheet HTML 8Page - Texas Instruments CMPD2003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Powering and Loading Considerations
www.ti.com
2.5
Synchronization
A SYNC pin has been provided on the evaluation board. This pin can be used to synchronize the regulator
to an external clock. For complete information, see LM5116 Wide Range Synchronous Buck Controller
(SNVS499).
Figure 8. Synchronization at 48V
IN
2.6
Active Loads
Figure 9 shows a typical start-up characteristic into a constant current active load. This type of load can
exhibit an initial short circuit, which is sustained well beyond the duration of the fault timer. Increasing the
soft-start time improves the ability to start into this type of load. For the extreme case, the hiccup fault
timer may be disabled by removing C7. A sustained short circuit should be avoided when the fault timer is
not used.
Figure 9. Start-up into Active Load at 48V
IN
4
AN-1713 LM5116-12 Evaluation Board
SNVA285A – October 2007 – Revised April 2013
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com