Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRC-LRF2010-01-R010-F Datasheet(PDF) 6 Page - Texas Instruments

Part # LRC-LRF2010-01-R010-F
Description  AN-1713 LM5116-12 Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LRC-LRF2010-01-R010-F Datasheet(HTML) 6 Page - Texas Instruments

Back Button LRC-LRF2010-01-R010-F Datasheet HTML 2Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 3Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 4Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 5Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 6Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 7Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 8Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 9Page - Texas Instruments LRC-LRF2010-01-R010-F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Bill of Materials
www.ti.com
4
Bill of Materials
ID
Part Number
Type
Size
Parameters
Qty
Vendor
C1, C2,
C2012X7R1E105K
Capacitor, Ceramic
0805
1 µF, 25V, X7R, 10%
3
TDK
C14
C3
C1608X7R1H104K
Capacitor, Ceramic
0603
0.1 µF, 50V, X7R, 10%
1
TDK
C4
VJ0603A331JXAA
Capacitor, Ceramic
0603
330 pF, 50V, COG, 5%
1
Vishay
C5
VJ0603A150KXAA
Capacitor, Ceramic
0603
15 pF, 50V, COG, 10%
1
Vishay
C6
VJ0603Y152KXXA
Capacitor, Ceramic
0603
1500 pF, 25V, X7R, 10%
1
Vishay
C7
C1608X7R1C105K
Capacitor, Ceramic
0603
1 µF, 16V, X7R, 10%
1
TDK
C8, C9,
C4532X7R2A225M
Capacitor, Ceramic
1812
2.2 µF, 100V X7R, 20%
4
TDK
C10, C11
C12
C3225X7R2A105M
Capacitor, Ceramic
1210
1 µF, 100V X7R, 20%
1
TDK
C13
C2012X7R2A104K
Capacitor, Ceramic
0805
0.1 µF, 100V X7R, 10%
1
TDK
C15
VJ0603A101KXAA
Capacitor, Ceramic
0603
100 pF, 50V, COG, 10%
1
Vishay
C16, C17, T520D476M016ATE03
Capacitor, Polymer
D Case
47 µF, 16V, 35m
Ω
4
KEMET
C18, C19
5
C20
C4532X7R1C226M
Capacitor, Ceramic
1812
22 µF, 16V, X7R, 20%
1
TDK
C21
Capacitor, Ceramic
1812
Not Used
0
C22
EEV-FK2A470Q
Capacitor, Electrolytic
SMD
47 µF, 100V, Case Size:
1
Panasonic
12.5mm X 13.5mm
C23
Capacitor, Ceramic
0805
Not Used
0
D1, D2
CMPD2003
Diode, Switching
SOT-23
200 mA, 200V
2
Central Semi
JMP1
Connector, Jumper
2 pin sq. post
1
L1
121KM1002H
Inductor
10 µH, 8.72A, 10 m
Ω
1
Gowanda
L1A
PA2050.103NL
Inductor
10 µH, 14.7A, 5.8 m
Ω
0
Pulse
P1-P4
1514-2
Turret Terminal
.090” dia.
4
Keystone
TP1-TP7
5012
Test Point
.040” dia.
7
Keystone
Q1, Q2
Si7852DP
N-CH MOSFET
SO-8 Power
12.5A, 80V, 22 m
Ω
2
Vishay
PAK
Siliconix
R1
CRCW06031023F
Resistor
0603
102 k
Ω, 1%
1
Vishay
R2
CRCW06039311F
Resistor
0603
9.31 k
Ω, 1%
1
Vishay
R3
CRCW06031072F
Resistor
0603
10.7 k
Ω, 1%
1
Vishay
R4
CRCW06031211F
Resistor
0603
1.21 k
Ω, 1%
1
Vishay
R5
Resistor
0603
Not Used
0
R6, R7
CRCW06030R0J
Resistor
0603
0
Ω
2
Vishay
R8
CRCW0603103J
Resistor
0603
10 k
Ω, 5%
1
Vishay
R9
CRCW06031242F
Resistor
0603
12.4 k
Ω, 1%
1
Vishay
R10
CRCW0603393J
Resistor
0603
39 k
Ω, 5%
1
Vishay
R11
LRC-LRF2010-01-
Resistor
2010
0.010
Ω, 1%
0
IRC
R010-F
R11
WSL2010R0100FEA
Resistor
2010
0.010
Ω, 1%
1
Vishay
R12
CRCW06031R0J
Resistor
0603
1
Ω, 5%
1
Vishay
R13
CRCW0603105J
Resistor
0603
1 M
Ω, 5%
1
Vishay
R14
Resistor
1206
Not Used
0
R15
CRCW06037503F
Resistor
0603
750 k
Ω, 1%
1
Vishay
R16
CRCW06032R2J
Resistor
0603
2.2
Ω, 5%
1
Vishay
U1
LM5116
Synchronous Buck
HTSSOP-20
1
Texas
Controller
Instruments
6
AN-1713 LM5116-12 Evaluation Board
SNVA285A – October 2007 – Revised April 2013
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com