Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM04N65 Datasheet(PDF) 5 Page - AiT Semiconductor Inc.

Part # AM04N65
Description  MOSFET 650V, 4A N-CHANNEL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM04N65 Datasheet(HTML) 5 Page - AiT Semiconductor Inc.

  AM04N65 Datasheet HTML 1Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 2Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 3Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 4Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 5Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 6Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 7Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 8Page - AiT Semiconductor Inc. AM04N65 Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
 
AiT Semiconductor Inc.
AM04N65
www.ait-ic.com 
MOSFET
650V, 4A N-CHANNEL
REV1.0
- JUN 2022 RELEASED -
- 5 - 
Fig 6. Maximum Peak Current Capability
Fig 7. Typical Transfer Characteristics
Fig 8. Unclamped Inductive Switching Capability
Fig 9. Typical Drain-to-Source ON Resistance
vs Drain Current
Fig 10. Typical Drain-to-Source ON Resistance
vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com