Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF7936 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF7936
Description  Transponders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF7936 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF7936 Datasheet HTML 1Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IC MASTER 2001
See us on the World Wide Web at http://icmaster.com
4075
Philips
Semiconductors
Transponders
Immobilization
Philips Semiconductors’ transponders meet the security and performance requirements of modern vehicle
immobilizer applications. Excellent device sensitivity (large distance) and short authentication time ensure easy
application and outstanding system performance.
Products
The following transponders have been specifically designed for car immobilizers where (re)programming of the
identification code or storage of additional data is required.
The PCF7936 (HITAG 2) is a programmable security transponder employing mutual authentication with encrypted
data transmission. It is ideally suited for vehicle immobilizer applications which require encrypted data transmission
between the basestation and the transponder.
The PCF7931AS (read only) and PCF7930AS (read/write) are immobilizer transponder sticks which transmit data
bi-directionally, in half-duplex mode, between the basestation and the transponder.
The PCF7935 (SECT) is a programmable security transponder employing challenge/response authentication and
is ideally suited for vehicle immobilizer applications, where encrypted data transmission between basestation and
transponder is required.
Product overview
Features
PCF7930AS
PCF7931AS
PCF7935AS
PCF7936AS
Data periodically read out in read only mode
Yes
Yes
Yes
Yes
Non-volatile user memory
768 bit
—
768 bit
128 bit
Operating frequency
125 kHz
125 kHz
125 kHz
125 kHz
Programmable read only operation
Yes
Yes
Yes
Yes
Programmable security transponder
—
—
Yes
Yes
64/32 bit mutual authentication
—
—
—
Yes
48/48 bit challenge/response authentication
—
—
Yes
—
32-bit unique device identification number
Yes
Yes
Yes
Yes
Secret key
—
—
128 bit
48 bit
Fast authentication
—
—
—
39 ms
EEPROM read/write protection capabilities
Yes
Yes
Yes
Yes
Read only modes for downwards compatibility
Yes
Yes
Yes
Yes
Data retention
20 years
20 years
20 years
20 years
Extended temperature range
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
Leadless stick plastic package
SOT385
SOT385
SOT385
SOT385


Similar Part No. - PCF7936

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF7936 PHILIPS-PCF7936 Datasheet
39Kb / 1P
Security Transponder, HITAG 2
July 1998
PCF7936 NXP-PCF7936 Datasheet
224Kb / 5P
IC TRANSPONDER IMMOBILIZER PLLMC Security and convenience
September 2009
PCF7936AA/3851/C/6 NXP-PCF7936AA/3851/C/6 Datasheet
405Kb / 2P
NXP remote keyless entry transponder family PCF7961
April 2012
PCF7936AS PHILIPS-PCF7936AS Datasheet
171Kb / 32P
Security Transponder (HITAG2)
2010 May 04
PCF7936AS PHILIPS-PCF7936AS Datasheet
39Kb / 1P
Security Transponder, HITAG 2
July 1998
More results

Similar Description - PCF7936

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7097 SONARDYNE-7097 Datasheet
84Kb / 2P
Emergency Transponders
7409 SONARDYNE-7409 Datasheet
100Kb / 2P
ORT and DORT Acoustic Release Transponders
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
logo
STMicroelectronics
AN3224 STMICROELECTRONICS-AN3224 Datasheet
427Kb / 49P
Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
19-Sep-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com