Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJH
Description  600W, 5V - 170V Surface Mount Transient Voltage Suppressor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMBJH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SMBJH Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMBJH SERIES
Taiwan Semiconductor
4
Version: A2102
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
Part number
Marking code
Breakdown voltage
VBR@IT
(V)
(Note 1)
Test
current
IT
(mA)
Working
stand-off
voltage
VWM
(V)
Maximum
blocking
leakage
current
ID@VWM
(µA)
Maximum
peak
impulse
current
IPP
(A)
(Note 2)
Maximum
clamping
voltage
VC@IPP
(V)
Min
Max
SMBJ170AH
PR
189
209
1
170
1
2.2
275
Notes:
1.
VBR measure after IT applied for 30ms, IT=square wave pulse or equivalent.
2.
Surge current waveform per Figure. 3 and derate per Figure. 2.
3.
All terms and symbols are consistent with ANSI/IEEE C62.35.
4.
For bidirectional use CH or CAH suffix for types SMBJ5.0H - SMBJ170H
5.
For bipolar types having VWM of 10V (SMBJ10CH) and under, the ID limit is doubled.
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
SMBJxH
DO-214AA (SMB)
3,000 / Tape & Reel
Notes:
1.
"x" defines voltage from 5V(SMBJ5.0H) to 170V(SMBJ170AH)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com