Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF2000-S Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # NF2000-S
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF2000-S Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  NF2000-S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 4Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 5Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 6Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 7Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 8Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
3
2. FEATURES – Advanced MCCB Design Technol-
ogy & Performance
2.1 Arc-Extinguishing Device – ISTAC
Mitsubishi has developed an epoch-making
ISTAC
technology to realize an improved current-limiting and
breaking performance within a smaller breaking space.
Introduction of
ISTAC technology upgrades the cur-
rent-limiting, selective-breaking, and cascade-break-
ing performance. The maximum peak let-through cur-
rent
Ip decreases to about 80% (compared with
Mitsubishi’s 100AF). The passing energy
I2t de-
creases to about 65% (compared with MItsubishi’s
100AF). The smaller breaking space has led to an
improved function, a smaller size, and a standardiza-
tion of the breakers.
Triple forces accelerating
The triple forces generated by a newly designed cur-
rent pass and the Vapor Jet Control (VJC) insulat-
ing materials which makes up a slot-type breaking
construction accelerate the movable conductor, and
separate the contacts faster than ever before in short-
breaking.
Electromagnetic attractive force which works between
a current of the movable conductor and a current of
the fixed upper conductor.
Electromagnetic repulsive force which works between
a current of the movable conductor and a current of
the fixed lower conductor.
Pressure which works on the movable conductor by
gas generated in the slot.
Lower,
fixed-contact
conductor
Repulsive
force
Movable
contact
Attractive
force
Current A
Current
Current B
Current C
Upper,
fixed-contact
conductor
1
2
Arc control by slot-breaking
The VJC of the fixed contact incorporates newly de-
veloped insulation made of ceramic fiber and metal
hydroxide. The substantially improves the VJC effect.
The arc-extinguishing gas energies to improve the
capability of extinguishing the arc.
The VJC suppresses the emergence of carbide prod-
ucts in breaking a current and contribute to the recov-
ery of insulation immediately thereafter.
The VJCs on the fixed and movable contacts work
together to forcefully reduce the arc spot and rapidly
contract the total arc being extinguished.
Fixed contact
VJC
Upper,
fixed-contact
conductor
Lower,
fixed-contact
conductor
Pressure
3
Arc
Movable contact
Movable
contact VJC
Vapor jet control (VJC)
Vapor Jet Controllers made of insulating material are
arranged around the contacts where they control the
arc as follows:
1. The arc spot is forcibly reduced by the arrange-
ment of the insulating material.
2. The arc column is contracted.
3. Adiabatic expansion cools the arc.
4. The arc is transferred at the optimum moment to
the arc-extinguishing chamber by the arrangement
of the Vapor Jet Controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com