Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N49R9FPRSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # N49R9FPRSL
Description  Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, Up to S Level, Axial Lead DESIGN SUPPORT TOOLS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

N49R9FPRSL Datasheet(HTML) 2 Page - Vishay Siliconix

  N49R9FPRSL Datasheet HTML 1Page - Vishay Siliconix N49R9FPRSL Datasheet HTML 2Page - Vishay Siliconix N49R9FPRSL Datasheet HTML 3Page - Vishay Siliconix N49R9FPRSL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RWR Military
www.vishay.com
Vishay Dale
Revision: 15-Nov-17
2
Document Number: 30203
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
Note
(1) On some standard reel pack methods, the leads may be trimmed to a shorter length than shown
MAXIMUM ORDER SIZE FOR SINGLE LOT DATE CODE PACKAGE CODES
MODEL
MAXIMUM ORDER SIZE (PIECES)
RWR81
1000
RWR82
1000
RWR80
1000
RWR71
500
RWR89
1000
RWR74
500
RWR84
300
RWR78
300
MILITARY MODEL
DIMENSIONS in inches [millimeters]
AB
C
RWR81
0.250 ± 0.031 [6.35 ± 0.787]
0.085 ± 0.020 [2.16 ± 0.508]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR82
0.312 ± 0.016 [7.92 ± 0.406]
0.078 + 0.016 - 0.031 [1.98 + 0.406 - 0.787]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR80
0.406 ± 0.031 [10.31 ± 0.787]
0.094 ± 0.031 [2.39 ± 0.787]
0.020 ± 0.0015 [0.508 ± 0.038]
RWR71
0.812 ± 0.062 [20.62 ± 1.58]
0.187 ± 0.031 [4.75 ± 0.787]
0.032 ± 0.002 [0.813 ± 0.051]
RWR89
0.560 ± 0.062 [14.22 ± 1.58]
0.187 ± 0.031 [4.75 ± 0.787]
0.032 ± 0.002 [0.813 ± 0.051]
RWR74
0.875 ± 0.062 [22.23 ± 1.58]
0.312 ± 0.031 [7.92 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
RWR84
0.875 ± 0.062 [22.23 ± 1.58]
0.312 ± 0.031 [7.92 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
RWR78
1.780 ± 0.062 [45.21 ± 1.58]
0.375 ± 0.031 [9.525 ± 0.787]
0.040 ± 0.002 [1.02 ± 0.051]
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RWR RESISTOR CHARACTERISTICS
Dielectric Withstanding Voltage
VAC
500 minimum for 2 W and smaller, 1000 minimum for 3 W and larger
Short Time Overload
-
5x rated power for 5 s for 3 W size and smaller,
10x rated power for 5 s for 5 W size and greater
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
.
1000 M
 minimum dry, 100 M minimum after moisture test
Terminal Strength
lb
5 minimum for 2 W and smaller, 10 minimum for 3 W and larger
Solderability
-
Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
-55 to +250
RESISTANCE TEMPERATURE COEFFICIENT
TEMPERATURE
COEFFICIENT
(ppm/°C)
RWR71
RWR74
RWR78
RWR80
RWR81
RWR82
RWR84
RWR89
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
RESISTANCE
RANGE (
)
+650 max.
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
0.1 to 0.499
+400 max.
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
0.505 to 1.0
± 50
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
1.01 to 10
± 30
10.1 to 73.2
10.1 to 158
10.1 to 453
-
-
-
10.1 to 158
10.1 to 42.2
± 20
74.1
and above
160
and above
459
and above
10.1
and above
10.1
and above
10.1
and above
160
and above
42.7
and above
B
1.50 [38.10]
(1)
min.
A
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com