Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP9221 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated AP9221 Datasheet HTML 10Page - Diodes Incorporated AP9221 Datasheet HTML 11Page - Diodes Incorporated AP9221 Datasheet HTML 12Page - Diodes Incorporated AP9221 Datasheet HTML 13Page - Diodes Incorporated AP9221 Datasheet HTML 14Page - Diodes Incorporated AP9221 Datasheet HTML 15Page - Diodes Incorporated AP9221 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
13 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
Ordering Information
AP9221X X - X - X - X
Product Code
CC: Voltage
Combination Code
HAC: U-DFN2030-6
(Type C)
Packing
7: Tape & Reel
Power Down Mode
Blank: Yes
A: No (Auto-wake-up)
Package
S: Standard
RSS(ON)
Part Number
Package Code
Packaging
7” Tape and Reel Quantity
AP9221SA-CC-HAC-7
HAC
U-DFN2030-6 (Type C)
3000/Tape & Reel
AP9221SA-AS-HAC-7
HAC
U-DFN2030-6 (Type C)
3000/Tape & Reel
AP9221SA-CR-HAC-7
HAC
U-DFN2030-6 (Type C)
3000/Tape & Reel
Voltage Combination (Note 9)
Part Number
Overcharge
Detection
Voltage
VCU (V)
Overcharge
Release
Voltage
VCL (V)
Over-
discharge
Detection
Voltage
VDL (V)
Over-
discharge
Release
Voltage
VDU (V)
Discharge
Overcurrent
Detection
Voltage
VDOC (V)
Load Short
Detection
Voltage
VSHORT (V)
Charge
Overcurrent
Detection
Voltage
VCOC (V)
Overvoltage
Charge
Detection
Voltage
VOVCHG (V)
Overvoltage
Charge
Release
Voltage
VOVCHGR (V)
Power-
Down
Function
Overcharge
Protection
Mode
0V Battery
Charge
Function
AP9221SA-CC-HAC-7
4.200
4.000
2.750
2.950
0.055
0.276
-0.113
8.0
7.3
Auto
Wake-up
Auto
Release
Prohibition
AP9221SA-AS-HAC-7
4.275
4.175
2.850
2.970
0.025
0.120
-0.020
8.0
7.3
Auto
Wake-up
Auto
Release
Prohibition
AP9221SA-CR-HAC-7
4.370
4.220
2.800
3.000
0.130
0.350
-0.130
8.0
7.3
Auto
Wake-up
Auto
Release
Prohibition
Note:
9. If any other voltage version options are needed, please contact the local sales office.
AP9221 Delay Time Combination
Part Number
Overcharge
Detection
Delay Time
tCU
Overcharge
Release
Delay Time
tCUR
Overdischarge
Detection Delay
Time
tDL
Overdischarge
Release Delay
Time
tDLR
Discharge
Overcurrent
Detection
Delay Time
tDOC
Discharge
Overcurrent
Release
Delay Time
tDOCR
Charge
Overcurrent
Detection
Delay Time
tCOC
Charge
Overcurrent
Release Delay
Time
tCOCR
Load Short
Detection
Delay Time
tSHORT
AP9221SX-XX-HAC-7
1.0s
2.0ms
115ms
2.0ms
10.0ms
2.0ms
10.0ms
2.0ms
360µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com