Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB200BTS Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # MBB200BTS
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MBB200BTS Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button MBB200BTS Datasheet HTML 9Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 10Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 11Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 12Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 13Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 14Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 15Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 16Page - Eaton All Rights Reserved. MBB200BTS Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TD00502001E
For more information visit: www.cutler-hammer.eaton.com
Technical Data
Effective: April 2002
Page 13
Meter Breakers
Typical Wiring Diagrams (Non-EUSERC Meter Breaker Design)
Figure 31. Catalog Numbers —
MBB150BTSC, MBB150BTSCR,
MBB200BTSCR, MBP200BTSCR and
MBB200BTSC
Figure 32. Catalog Numbers —
MBP200SD, MBB200BTS, MBP200BTS
and MBP200BTSD
Use MCBK225 for C/B Load Lugs.
Figure 33. Catalog Numbers —
MB816P200STD, MB816B200BTS,
MB816B200BTSCU, MB816P200BTS,
MB816P200BTSCU, MB816P200BTSD and
MB816P200BTSCUD
Figure 34. Catalog Numbers —
MB2040P200SD, MB2040B200BTS,
MB2040P200BTS and MB2040P200BTSD
Figure 35. Catalog Numbers —
MBE1224B125TS, MBE1224B125TF,
MBE1224B100TS and MBE1224B100TF
A
B
200A Maximum
Service Disconnect
Type CSR
Bonded
Neutral
Line N
#6-2/0 AWG
#6-350 kcmil
#6-250 kcmil
#1-300 kcmil
Included in
MBB150BTSCR
Wiring Diagram Key
A
B
#6-2/0 AWG
#6-350 kcmil
#1-300 kcmil
#6-300 kcmil
Line
N
Bonded
Neutral
200A Maximum
Service Disconnect
Type BW, BWH or CSR Œ
Wiring Diagram Key
A
B
1
3
2
4
8
10
12
15
16
#14-4 AWG
#6-350 kcmil
#6-2/0 AWG
#6-300 kcmil
#6-300 kcmil
Line
N
Bonded
Neutral
200A Maximum
Service
Type BW,
Wiring Diagram Key
A
B
1
3
2
4
8
10
12
14
16
18
20
22
26
28
30
34
36
38
40
32
Line
N
Bonded
Neutral
200A Maximum
Service
Disconnect
Type BW,
BWH or CSR
#14-4 AWG
#6-350 kcmil
#6-2/0 AWG
Wiring
#14-4 AWG
#14-1/0 AWG
#6-350 kcmil
Wiring
Diagram Key
1
3
5
7
9
11
13
15
17
19
21
23
125A Maximum
Service Disconnect
Type BR, or BRH
Bonded
Neutral
Line
N
A
B
Equipment
Ground
2
4
6
8
10
12
14
16
18
20
22
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com