Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H725AEI6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32H725AEI6
Description  Arm® Cortex®-M7 32-bit 550 MHz MCU, up to 1 MB Flash, 564 KB RAM, Ethernet, USB, 3x FD-CAN, Graphics, 2x 16-bit ADCs
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H725AEI6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32H725AEI6 Datasheet HTML 86Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 87Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 88Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 89Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 90Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 91Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 92Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 93Page - STMicroelectronics STM32H725AEI6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 283 page
background image
Pinouts, pin descriptions and alternate functions
STM32H725xE/G
90/282
DS13311 Rev 3
-
-
-
125
-
E8
D8
156
PG12
I/O
FT_h
-
LPTIM1_IN1,
OCTOSPIM_P2_NCS,
USART10_TX,
SPI6_MISO/I2S6_SDI,
USART6_RTS/USART
6_DE,
SPDIFRX1_IN2,
LCD_B4,
SDMMC2_D3,
ETH_MII_TXD1/ETH_
RMII_TXD1,
FMC_NE4,
TIM23_CH1, LCD_B1,
EVENTOUT
-
-
-
-
126
-
D7
B7
157
PG13
I/O
FT_h
-
TRACED0,
LPTIM1_OUT,
USART10_CTS/USAR
T10_NSS,
SPI6_SCK/I2S6_CK,
USART6_CTS/USART
6_NSS, SDMMC2_D6,
ETH_MII_TXD0/ETH_
RMII_TXD0,
FMC_A24,
TIM23_CH2, LCD_R0,
EVENTOUT
-
-
-
-
127
-
C7
C7
158
PG14
I/O
FT_h
-
TRACED1,
LPTIM1_ETR,
USART10_RTS/USAR
T10_DE,
SPI6_MOSI/I2S6_SD
O, USART6_TX,
OCTOSPIM_P1_IO7,
SDMMC2_D7,
ETH_MII_TXD1/ETH_
RMII_TXD1,
FMC_A25,
TIM23_CH3, LCD_B0,
EVENTOUT
-
-
-
-
128
-
-
-
159
VSS
S
-
-
-
-
-
-
-
129
A6
-
-
160
VDD
S
-
-
-
-
Table 8. STM32H725 pin and ball descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com