Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDM815 Datasheet(PDF) 1 Page - CUI INC

Part # CDM815
Description  M8 CABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDM815 Datasheet(HTML) 1 Page - CUI INC

  CDM815 Datasheet HTML 1Page - CUI INC CDM815 Datasheet HTML 2Page - CUI INC CDM815 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 07/19/2022
page 1 of 3
cuidevices.com
SERIES: CDM815
│ DESCRIPTION: M8 CABLE
FEATURES
• M8 molded male cable connector
• A & B code versions
• straight
• IP67
• 1, 2, & 3 meter length options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3 & 4 pole models
5, 6, & 8 pole models
60
30
V
V
rated current
3, 4, & 5 pole models
6 & 8 pole models
3
1.5
A
A
withstanding voltage
for 1 minute
1,500
Vac
contact resistance
10
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
1.5
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-104
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
PART NUMBER KEY
Base Number
CDM815 - XXX - 01MST - XX - 67
No. of Poles:
03A = 3 (A-Coding)
04A = 4 (A-Coding)
05B = 5 (B-Coding)
06A = 6 (A-Coding)
08A = 8 (A-Coding)
Cable Length:
1M = 1 m
2M = 2 m
3M = 3 m
Additional Resources: Product Page


Similar Part No. - CDM815

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM815 CUID-CDM815 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
CDM815-03A-01MST-1M-67 CUID-CDM815-03A-01MST-1M-67 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
CDM815-03A-01MST-2M-67 CUID-CDM815-03A-01MST-2M-67 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
CDM815-03A-01MST-3M-67 CUID-CDM815-03A-01MST-3M-67 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
CDM815-04A-01MST-1M-67 CUID-CDM815-04A-01MST-1M-67 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
More results

Similar Description - CDM815

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
RELF05100 SHIELD-RELF05100 Datasheet
159Kb / 2P
M8 with cable, straight
REMF05100 SHIELD-REMF05100 Datasheet
176Kb / 2P
M8 with cable, angled
RENF05100 SHIELD-RENF05100 Datasheet
164Kb / 2P
M8 with cable, straight, snap-in
REQF05100 SHIELD-REQF05100 Datasheet
170Kb / 2P
M8 with cable, angled, snap-in
logo
TE Connectivity Ltd
3-1773983-2 TEC-3-1773983-2 Datasheet
2Mb / 28P
M8/M12 CABLE ASSEMBLIES
logo
CUI INC
CDM816 CUI-CDM816 Datasheet
320Kb / 3P
M8 CABLE
07/19/2022
CDM817 CUI-CDM817 Datasheet
312Kb / 3P
M8 CABLE
07/19/2022
CDM818 CUI-CDM818 Datasheet
315Kb / 3P
M8 CABLE
07/19/2022
logo
CUI Devices
CDM815 CUID-CDM815 Datasheet
344Kb / 3P
M8 CABLE
08/05/2022
CDM816 CUID-CDM816 Datasheet
342Kb / 3P
M8 CABLE
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com