Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR2125N Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CSR2125N
Description  Cutler- Hammer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSR2125N Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CSR2125N Datasheet HTML 1Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 2Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 3Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 4Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 5Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 6Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 7Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 8Page - Eaton All Rights Reserved. CSR2125N Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
For more information visit: www.cutler-hammer.eaton.com
TD00502001E
Technical Data
Page 4
Effective: April 2002
Meter Breakers
Table 3. Combination Service Entrance Devices (EUSERC)
See Table 5 on Page 5 for box details.
Interrupting rating is dependent on the main breaker that is installed.
Unit has copper bus.
When a provision for main is provided, order one of the main breakers listed in Table 2.
All panels are dual labeled to accept Types BW or CSR Main Breakers.
Semi-flush flange, not full stucco flange.
Units come with feed-through lugs.
Includes factory mounted 2-1/2 inch hub on bottom endwall. UG feed only.
Use WMB70SMK if second main kit is needed.
Ampere
Rating
Bypass Service kAIC Jaws Distrib-
ution
Main
Branch
Breaker
Type
Dimen-
sions &
Enclosure
Shape
Wiring
Knockout
Catalog Number
Page Fig. Page Fig.
Surface
Flush
Ring Style Meter Mains (no distribution section included)
125
125
150
None
None
None
OH/UG
OH/UG
OH/UG 10
4
4
4
2/4
2/4
None
MLO
MLO
BW2150
BR
CH
None
2
2
3
9
7
9
14
7
18
15
15
15
39, 38
39, 38
39, 38
MBE24L125BTS
CMBE24L125BTS
MBEB150BTS
MBE24L125BTF
CMBE24L125BTF
MBEB150BTF
150
200
200
None
None
None
OH/UG
OH/UG
OH/UG
22
10
22
4
4
4
None
None
None
CSR2150N
BW2200
CSR2200N
None
None
None
3
3
3
7
9
7
5
18
5
15
15
15
39, 38
39, 38
39, 38
CMBEB150BTS
MBEB200BTS
CMBEB200BTS
CMBEB150BTF
MBEB200BTF
CMBEB200BTF
200
200
200
None
None
None
OH/UG
OH/UG
OH/UG
4
4
4
2/4
2/4
None
MLO
MLO
Provision
BR
CH
None
3
3
3
9
7
9
15
9
18
15
15
15
39, 38
39, 38
39
MBE24L200BTS
CMBE24L200BTS
MBEP200BTS
MBE24L200BTF
CMBE24L200BTF
N/A
Ring Style All-In-Ones (includes distribution section)
100
100
100
None
None
None
OH/UG
UG
UG
10
10
10
4
4
4
12/24
14/28
22
BR2100
BR2100
CH2100X
BR
BR
CH
2
4
5
7
8
6
8
12
3
15
14
14
39, 38
37, 36
37, 36
MBE1224B100BTS
MBE1428B100BS
CMBE2222B100BS
MBE1224B100BTF
MBE1428B100BF
CMBE2222B100BF
100
125
125
None
None
None
OH
OH/UG
OH
10
10
10
4
4
4
12/24
12/24
12/24
BR2100
BR2125
BR2125
BR
BR
BR
9
2
9
13
7
13
35
8
35
16
15
16
41, 40
39, 38
41, 40
MBE1224B100TS
MBE1224B125BTS
MBE1224B125TS
MBE1224B100TF
MBE1224B125BTF
MBE1224B125TF
125
125
125
None
None
None
UG
UG
UG
10
10
10
4
4
4
14/28
18/36
22
BR2125
BR2125
CH2125X
BR
BR
CH
4
5
5
8
8
6
12
11
3
14
14
14
37, 36
37, 36
37, 36
MBE1428B125BS
MBE1836B125BS
CMBE2222B125BS
MBE1428B125BF
MBE1836B125BF
CMBE2222B125BF
150
150
150
None
None
None
OH/UG
UG
UG
22
22
10
4
4
4
8
32/42
20/40
CSR2150N
CSR2150N
BW2150
CH
CH
BR
3
7
6
7
6
8
6
2
10
15
14
14
39, 38
37, 36
37, 36
CMBE88B150BTS
CMBE3242B150BS
MBE2040B150BS
CMBE88B150BTF
CMBE3242B150BF
MBE2040B150BF
150
150
200
None
None
None
OH/UG
OH/UG
OH/UG
10
10
10
4
4
4
4/8
8
4/8
BW2150
BW2150
BW2200
BR
BR
BR
3
3
3
9
9
9
16
17
16
15
15
15
39, 38
39, 38
39, 38
MBE48B150BTS
MBE88B150BTS
MBE48B200BTS
MBE48B150BTF
MBE88B150BTF
MBE48B200BTF
200
200
200
None
None
None
OH/UG
OH/UG
OH/UG
22
10
4
4
4
8
8
8/16
CSR2200N
BW2200
Provision
CH
BR
BR
3
3
10
7
9
10
6
17
19
15
15
16
39, 38
39, 38
41
CMBE88B200BTS
MBE88B200BTS
MBE816P200TSCU
CMBE88B200BTF
MBE88B200BTF
N/A
200
200
200
None
None
None
OH
OH
UG
4
4
4
8/16
6 – 2 Pole
6 – 2 Pole
Provision
Main Lug
Main Lug
BR
CH
CH
10
9
5
10
10
6
19
23
4
16
16
14
41
41
37, 36
MBE816P200TS
CMBE1212L200TS
CMBE1212L200BS
N/A
N/A
CMBE1212L200BF
200
200
200
None
None
None
OH
UG
OH
10
4
4
4
6 – 2 Pole
6 – 2 Pole
20/40
Main Lug
Main Lug
BW2200
BR
BR
BR
9
5
10
10
8
10
21
13
20
16
14
16
41
37, 36
41, 40
MBE1212L200TS
MBE1212L200BS
MBE2040B200TS
N/A
MBE1212L200BF
MBE2040B200TF
200
200
200
None
None
None
UG
OH
UG
10
22
4
4
4
20/40
20/40
32/42
BW2200
Provision
CSR2200N
BR
BR
CH
6
10
7
8
10
6
10
20
2
14
16
14
37, 36
41, 40
37, 36
MBE2040B200BS
MBE2040P200TS
CMBE3242B200BS
MBE2040B200BF
MBE2040P200TF
CMBE3242B200BF
200
200
None
None
UG
UG
22
22
4
4
40
42
BWH2200
CSR2200
BR
CH
12
12
12
12
30
29
17
17
42
42
MBE4040B200BSH
CMBE4242B200BSH
N/A
N/A
200
200
200
None
None
None
OH/UG
OH/UG
OH/UG
22
22
10
4
4
4
40
42
20/40
BWH2200
CSR2200N
BW2200
BR
CH
BR
12
12
—
12
12
—
30
29
—
17
17
—
42
42
—
MBE4040B200BTS
CMBE4242B200BTS
MBE2040B200BTS
MBE4040B200BTF
CMBE4242B200BTF
MBE2040B200BTF
200
225
225
None
None
None
OH/UG
OH/UG
UG
10
10
22
4
4
4
4/8
20/40
32/42
BW2200
BW2225
CSR2225N
BR
BR
CH
—
—
7
—
—
6
—
—
2
—
—
14
—
—
37, 36
WMB2048SLB
MBE2040B225BTS
CMBE3242B225BS
N/A
MBE2040B225BTF
CMBE3242B225BF
Table 4. Main Breaker Selection Chart
When a provision for main is provided,
order one of the main breakers listed in this
table. All panels are dual labeled to accept
Types BW, BWH and CSR Main Breakers.
Maximum
Ampere
Rating
2-Pole Breaker Catalog Numbers
10 kAIC
22 kAIC
22 kAIC
125
150
200
BW2125
BW2150
BW2200
BWH2125
BWH2150
BWH2200
CSR2125N
CSR2150N
CSR2200N
Load Side Lug Kit for BW
and CSR Breakers
MCBK225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com