Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3510P Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DM3510P
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM3510P Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DM3510P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM3510P Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Magnetic Powder Cores :::
46
45 ::: Chang Sung Corporation
OD358
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
35.81
22.35
10.46
(inch)
1.410
0.880
0.412
After coating
(mm)
36.70
21.50
11.28
(Epoxy)
(inch)
1.445
0.848
0.444
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.678cm2
8.98cm
3.64cm2
6.0884cm3
0.1051in2
3.54in
719,100cmil
0.3721in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
25
29
32
37
41
46
52
58
65
0.00579
0.00809
0.0112
0.0157
0.0220
0.0306
0.0429
0.0600
0.0837
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
74
82
92
103
115
129
143
160
177
0.117
0.166
0.229
0.322
0.452
0.637
0.885
1.25
1.71
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM358026
CM358060
-
-
CM358125
CM358147
CM358160
CM358173
-
CH358026
CH358060
-
-
CH358125
CH358147
CH358160
-
-
CS358026
CS358060
CS358075
CS358090
CS358125
-
-
-
-
CK358026
CK358060
CK358075
CK358090
-
-
-
-
-
24
56
70
84
117
138
150
162
187
26
60
75
90
125
147
160
173
200
ID 22.35mm
HT 10.46mm
OD 35.81mm / 1.410inches
AL vs NI Curve (60μ, 125μ)
OD343
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
34.29
23.37
8.89
(inch)
1.350
0.920
0.350
After coating
(mm)
35.20
22.60
9.83
(Epoxy)
(inch)
1.385
0.888
0.387
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.454cm2
8.95cm
4.01cm2
4.0633cm3
0.0704in2
3.53in
788,500cmil
0.2485in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
27
30
34
38
43
49
55
61
69
0.00533
0.00740
0.0102
0.0143
0.0199
0.0277
0.0388
0.0541
0.0754
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
77
87
96
108
121
135
150
168
186
0.105
0.148
0.206
0.288
0.404
0.569
0.789
1.11
1.53
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM343026
CM343060
-
-
CM343125
CM343147
CM343160
CM343173
-
CH343026
CH343060
-
-
CH343125
CH343147
CH343160
-
-
CS343026
CS343060
CS343075
CS343090
CS343125
-
-
-
-
CK343026
CK343060
CK343075
CK343090
-
-
-
-
-
16
38
47
57
79
93
101
109
126
26
60
75
90
125
147
160
173
200
ID 23.37mm
HT 8.89mm
AL vs NI Curve (60μ, 125μ)
OD 34.29mm / 1.350inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com