Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM3908P Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # DM3908P
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM3908P Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button DM3908P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 31Page - List of Unclassifed Manufacturers DM3908P Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Magnetic Powder Cores :::
54
53 ::: Chang Sung Corporation
OD740
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
74.1
45.3
35.0
(inch)
2.917
1.783
1.378
After coating
(mm)
75.2
44.07
36.27
(Epoxy)
(inch)
2.961
1.735
1.428
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
5.040cm2
18.38cm
15.25cm2
92.64cm3
0.781in2
7.24in
3,009,310cmil
5.653in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM740026
CM740060
-
-
CM740125
-
-
-
-
CH740026
CH740060
-
-
CH740125
-
-
-
-
CS740026
CS740060
CS740075
CS740090
CS740125
-
-
-
-
CK740026
CK740060
CK740075
CK740090
-
-
-
-
-
89
206
257
309
429
-
-
-
-
26
60
75
90
125
147
160
173
200
ID 45.3mm
HT 35.0mm
OD 74.1mm / 2.917inches
AL vs NI Curve (60μ, 125μ)
N AN A
OD610
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
62.0
32.6
25.0
(inch)
2.441
1.283
0.984
After coating
(mm)
63.1
31.37
26.27
(Epoxy)
(inch)
2.484
1.235
1.034
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
3.675cm2
14.37cm
7.73cm2
52.81cm3
0.570in2
5.66in
1,525,610cmil
3.223in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM610026
CM610060
-
-
CM610125
-
-
-
-
CH610026
CH610060
-
-
CH610125
-
-
-
-
CS610026
CS610060
CS610075
CS610090
CS610125
-
-
-
-
CK610026
CK610060
CK610075
CK610090
-
-
-
-
-
83
192
240
288
400
-
-
-
-
26
60
75
90
125
147
160
173
200
ID 32.6mm
HT 25.0mm
AL vs NI Curve (60μ, 125μ)
OD 62.0mm / 2.441inches
N AN A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com