Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1803DFH Datasheet(PDF) 1 Page - STMicroelectronics

Part # MD1803DFH
Description  High voltage NPN Power transistor for standard definition CRT display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MD1803DFH Datasheet(HTML) 1 Page - STMicroelectronics

  MD1803DFH Datasheet HTML 1Page - STMicroelectronics MD1803DFH Datasheet HTML 2Page - STMicroelectronics MD1803DFH Datasheet HTML 3Page - STMicroelectronics MD1803DFH Datasheet HTML 4Page - STMicroelectronics MD1803DFH Datasheet HTML 5Page - STMicroelectronics MD1803DFH Datasheet HTML 6Page - STMicroelectronics MD1803DFH Datasheet HTML 7Page - STMicroelectronics MD1803DFH Datasheet HTML 8Page - STMicroelectronics MD1803DFH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
May 2006
Rev 3
1/10
10
MD1803DFH
High voltage NPN Power transistor for standard definition CRT
display
Features
■ State-of-the-art technology:
– Diffused collector “enhanced generation”
■ More stable performance versus operating
temperature variation
■ Low base drive requirement
■ Tighter hFE range at operating collector current
■ Fully insulated power package u.l. compliant
■ Creepage distance path > 4mm
■ Integrated free wheeling diode
■ In compliance with the 2002/93/ec european
directive
Applications
■ Horizontal deflection output for TV
Description
The MD1803DFH is manufactured using Diffused
Collector in Planar Technology adopting new and
enhanced high voltage structure. The new MD
product series show improved silicon efficiency
bringing updated performance to the Horizontal
Deflection stage.
Order codes
Internal schematic diagram
TO-220FH
1
2
3
RBE=60Ω typ.
Part number
Marking
Package
Packing
MD1803DFH
MD1803DFH
TO-220FH
TUBE
www.st.com


Similar Part No. - MD1803DFH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MD1803DFH STMICROELECTRONICS-MD1803DFH Datasheet
198Kb / 10P
High voltage NPN Power transistor for standard Definition CRT display
22-Sep-2006
MD1803DFH_0609 STMICROELECTRONICS-MD1803DFH_0609 Datasheet
198Kb / 10P
High voltage NPN Power transistor for standard Definition CRT display
22-Sep-2006
More results

Similar Description - MD1803DFH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MD2009DFX STMICROELECTRONICS-MD2009DFX Datasheet
225Kb / 10P
High voltage NPN Power transistor for standard definition CRT display
22-May-2006
MD2310FX STMICROELECTRONICS-MD2310FX Datasheet
254Kb / 10P
High voltage NPN Power transistor for standard definition CRT display
29-Sep-2006
BU508AW STMICROELECTRONICS-BU508AW Datasheet
109Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Mar-2007
MD1802FH STMICROELECTRONICS-MD1802FH Datasheet
102Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1802FX STMICROELECTRONICS-MD1802FX Datasheet
109Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
MD1803DFX_0609 STMICROELECTRONICS-MD1803DFX_0609 Datasheet
206Kb / 10P
High voltage NPN Power transistor for standard Definition CRT display
22-Sep-2006
S2000AF STMICROELECTRONICS-S2000AF_07 Datasheet
99Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Mar-2007
MD2001FH STMICROELECTRONICS-MD2001FH Datasheet
92Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
25-May-2007
MD2001FX STMICROELECTRONICS-MD2001FX Datasheet
99Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
25-May-2007
MD1802FX STMICROELECTRONICS-MD1802FX_07 Datasheet
214Kb / 11P
High voltage NPN power transistor for standard definition CRT display
14-Aug-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com